Electronic Components Datasheet Search
  English  ▼

X  

MICRF505L Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MICRF505L
Description  850MHz and 950MHz ISM Band Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505L Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MICRF505L Datasheet HTML 27Page - Micrel Semiconductor MICRF505L Datasheet HTML 28Page - Micrel Semiconductor MICRF505L Datasheet HTML 29Page - Micrel Semiconductor MICRF505L Datasheet HTML 30Page - Micrel Semiconductor MICRF505L Datasheet HTML 31Page - Micrel Semiconductor MICRF505L Datasheet HTML 32Page - Micrel Semiconductor MICRF505L Datasheet HTML 33Page - Micrel Semiconductor MICRF505L Datasheet HTML 34Page - Micrel Semiconductor MICRF505L Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
Micrel
MICRF505BML/YML
August 2006
31
M9999-092904
+1 408-944-0800
Typical Application
ANT
RFVDD
RSSI
LD
04 C12
10n
04 C11
10n
50ohm line
50ohm line
04 C13
47p
04 C10
10n
C14
100nF
C15
1u
LDOen
R7
10
ASK_DATA
LDOen
1
PTATBIAS
2
RFVDD
3
RFGND
4
ANT
5
RFGND
6
PABIAS
7
VDDIN
8
LDOBy p
24
XtalOut
23
XtalIn
22
CS
21
SCLK
20
IO
19
DATAIXO
18
DATACLK
17
SCLK
CS
DATACLK
DATAIXO
IO
MICRF505LBML
C9
1.5pF
C8
1.5pF
Y1
TSX 10A, 16MHz
2
4
C7
1n
C4
3p3pF
C6
2p2F
L1
8n7H
C2
100nF
C1
10nF
R3 18k
R5
82k
R6
33k
R1
6k2
TP1
TP2
R2
0R
C3
nc
C5
8p2F
MICRF505L – MLF32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com