Electronic Components Datasheet Search
  English  ▼

X  

MICRF505L Datasheet(PDF) 43 Page - Micrel Semiconductor

Part # MICRF505L
Description  850MHz and 950MHz ISM Band Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505L Datasheet(HTML) 43 Page - Micrel Semiconductor

Back Button MICRF505L Datasheet HTML 35Page - Micrel Semiconductor MICRF505L Datasheet HTML 36Page - Micrel Semiconductor MICRF505L Datasheet HTML 37Page - Micrel Semiconductor MICRF505L Datasheet HTML 38Page - Micrel Semiconductor MICRF505L Datasheet HTML 39Page - Micrel Semiconductor MICRF505L Datasheet HTML 40Page - Micrel Semiconductor MICRF505L Datasheet HTML 41Page - Micrel Semiconductor MICRF505L Datasheet HTML 42Page - Micrel Semiconductor MICRF505L Datasheet HTML 43Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
Micrel
MICRF505BML/YML
August 2006
43
M9999-092904
+1 408-944-0800
Table 9: PAbuffer bias current setting
PA_IB2
PA_IB1
PA_IB0
State
0
0
0
PAbuffer uses bias current from PTATBias source, external resistor (Pin 2)
0
0
1
PAbuffer uses bias current from separate bias source, external resistor (Pin 8)
0
1
0
PAbuffer uses bias current from internal bias source, lowest current
0
1
1
PAbuffer uses bias current from internal bias source
1
0
0
PAbuffer uses bias current from internal bias source, typical current
1
0
1
PAbuffer uses bias current from internal bias source
1
1
0
PAbuffer uses bias current from internal bias source
1
1
1
PAbuffer uses bias current from internal bias source, highest current
Table 10: Frequency Error Estimation control bit
FEEC_1
FEEC_0
FEE Mode
0
0
Off
0
1
Counting UP pulses
1
0
Counting DN pulses
1
1
Counting UP and DN pulses. UP increments the
counter, DN decrements it.
Table 11: Frequency Error Estimation control bit, cont.
FEEC_3
FEEC_2
No. of DEMOD_DT bit used during the
measurement.
0
0
8
0
1
16
1
0
32
1
1
64
MICREL, INC. 2180 FORTUNE DRIVE, SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http:/www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel
for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a
product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended
for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a
significant injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a
Purchaser’s own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
© 2004 Micrel, Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com