Electronic Components Datasheet Search
  English  ▼

X  

MIC5373 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5373 Datasheet HTML 2Page - Micrel Semiconductor MIC5373 Datasheet HTML 3Page - Micrel Semiconductor MIC5373 Datasheet HTML 4Page - Micrel Semiconductor MIC5373 Datasheet HTML 5Page - Micrel Semiconductor MIC5373 Datasheet HTML 6Page - Micrel Semiconductor MIC5373 Datasheet HTML 7Page - Micrel Semiconductor MIC5373 Datasheet HTML 8Page - Micrel Semiconductor MIC5373 Datasheet HTML 9Page - Micrel Semiconductor MIC5373 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
6
M9999-070110
Typical Characteristics
LDO1 Output Voltage
vs. Input Voltage
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
IOUT = 100µA
LDO1 Output Voltage
vs. Input Voltage
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
2.53
3.544.5
55.5
INPUT VOLTAGE (V)
IOUT = 50mA
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
LDO1 Output Voltage
vs. Input Voltage
2.50
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
2.53
3.544.5
55.5
INPUT VOLTAGE (V)
IOUT = 150mA
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
LDO2 Output Voltage
vs. Input Voltage
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN
VOUT_NOM = 2.5V
COUT = 1.0µF
IOUT = 100µA
LDO2 Output Voltage
vs. Input Voltage
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.53
3.544.5
55.5
INPUT VOLTAGE (V)
IOUT = 50mA
VBIAS = VIN
VOUT_NOM = 2.5V
COUT = 1.0µF
LDO2 Output Voltage
vs. Input Voltage
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
IOUT = 150mA
VBIAS = VIN
VOUT_NOM = 2.5V
COUT = 1.0µF
LDO3 Output Voltage
vs. Input Voltage
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.7 2.2 2.7 3.2 3.7 4.2 4.7 5.2 5.7
INPUT VOLTAGE (V)
VBIAS = 5.5V
VOUT_NOM = 1.8V
COUT = 1.0µF
IOUT = 100µA
LDO3 Output Voltage
vs. Input Voltage
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.7 2.2 2.7 3.2 3.7 4.2 4.7 5.2 5.7
INPUT VOLTAGE (V)
VBIAS = 5.5V
VOUT_NOM = 1.8V
COUT = 1.0µF
IOUT = 50mA
LDO3 Output Voltage
vs. Input Voltage
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.7 2.2
2.7 3.2
3.7 4.2 4.7
5.2 5.7
INPUT VOLTAGE (V)
IOUT = 150mA
VBIAS = 5.5V
VOUT_NOM = 1.8V
COUT = 1.0µF
LDO1 Output Voltage
vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0 20 40 60 80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
VIN = 3.6V
LDO1 Output Voltage
vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0 20 40 60 80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VIN = 4.2V
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF
LDO1 Output Voltage
vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0 20 40 60 80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VIN = 5.5V
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1.0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com