Electronic Components Datasheet Search
  English  ▼

X  

MIC5373 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5373 Datasheet HTML 3Page - Micrel Semiconductor MIC5373 Datasheet HTML 4Page - Micrel Semiconductor MIC5373 Datasheet HTML 5Page - Micrel Semiconductor MIC5373 Datasheet HTML 6Page - Micrel Semiconductor MIC5373 Datasheet HTML 7Page - Micrel Semiconductor MIC5373 Datasheet HTML 8Page - Micrel Semiconductor MIC5373 Datasheet HTML 9Page - Micrel Semiconductor MIC5373 Datasheet HTML 10Page - Micrel Semiconductor MIC5373 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
7
M9999-070110
Typical Characteristics (Continued)
LDO2 Output Voltage
vs. Output Current
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
0
50
100
150
200
OUTPUT CURRENT (mA)
VBIAS = VIN1/2
VOUT_NOM = 2.5V
COUT = 1.0µF
VIN = 3.0V
LDO2 Output Voltage
vs. Output Current
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
0
50
100
150
200
OUTPUT CURRENT (mA)
VIN = 3.6V
VBIAS = VIN1/2
VOUT_NOM = 2.5V
COUT = 1.0µF
LDO2 Output Voltage
vs. Output Current
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
0
50
100
150
200
OUTPUT CURRENT (mA)
VIN = 5.5V
VBIAS = VIN1/2
VOUT_NOM = 2.5V
COUT = 1.0µF
LDO3 Output Voltage
vs. Output Current
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0
50
100
150
200
OUTPUT CURRENT (mA)
VBIAS = VIN3
VOUT_NOM = 1.8V
COUT = 1.0µF
VIN = 2.5V
LDO3 Output Voltage
vs. Output Current
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0
50
100
150
200
OUTPUT CURRENT (mA)
VBIAS = VIN3
VOUT_NOM = 1.8V
COUT = 1.0µF
VIN = 3.6V
LDO3 Output Voltage
vs. Output Current
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0
50
100
150
200
OUTPUT CURRENT (mA)
VIN = 5.5V
VBIAS = VIN3
VOUT_NOM = 1.8V
COUT = 1.0µF
LDO1 Output Voltage
vs. Temperature
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VOUT_NOM = 3.3V
COUT = 1.0µF
IOUT = 100µA
IOUT = 50mA
IOUT =
150 A
LDO2 Output Voltage
vs. Temperature
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VOUT_NOM = 2.5V
COUT = 1.0µF
IOUT = 100µA
IOUT = 50mA
IOUT = 150mA
LDO3 Output Voltage
vs. Temperature
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VOUT_NOM = 1.8V
COUT = 1.0µF
IOUT = 100µA
IOUT = 50mA
IOUT = 150mA
LDO1 Current Limit
vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
550
600
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN1/2
VOUT_NOM = 3.3V
COUT = 1µF
LDO2 Current Limit
vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
550
600
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN1/2
VOUT_NOM = 2.5V
COUT = 1µF
LDO3 Current Limit
vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
550
600
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN3
VOUT_NOM = 1.8V
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com