Electronic Components Datasheet Search
  English  ▼

X  

MIC5373 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5373 Datasheet HTML 4Page - Micrel Semiconductor MIC5373 Datasheet HTML 5Page - Micrel Semiconductor MIC5373 Datasheet HTML 6Page - Micrel Semiconductor MIC5373 Datasheet HTML 7Page - Micrel Semiconductor MIC5373 Datasheet HTML 8Page - Micrel Semiconductor MIC5373 Datasheet HTML 9Page - Micrel Semiconductor MIC5373 Datasheet HTML 10Page - Micrel Semiconductor MIC5373 Datasheet HTML 11Page - Micrel Semiconductor MIC5373 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
8
M9999-070110
Typical Characteristics (Continued)
LDO1/2/3 Current Limit
vs. Temperature
0
50
100
150
200
250
300
350
400
450
500
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = VIN = 4.3V
VOUT_NOM = 3.3V
COUT = 1µF
LDO1 Dropout Voltage
vs. Temperature
0
20
40
60
80
100
120
140
160
180
200
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = 4.3V
VOUT_NOM = 3.3V
COUT = 1µF
IOUT = 50mA
IOUT = 150mA
LDO2 Dropout Voltage
vs. Temperature
0
40
80
120
160
200
240
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = 4.3V
VOUT_NOM = 2.5V
COUT = 1µF
IOUT = 50mA
IOUT = 150mA
LDO3 Dropout Voltage
vs. Temperature
0
40
80
120
160
200
240
280
320
-40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
VBIAS = 4.3V
VOUT_NOM = 1.8V
COUT = 1µF
IOUT = 50mA
IOUT = 150mA
LDO1/2/3 Total Ground
Current vs. Output Current
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
OUTPUT CURRENT (mA)
VIN = VBIAS = 3.6V
EN1 or EN2 or EN3 = ON
LDO1/2/3 Total Ground
Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = VIN1/2 = VIN3
EN1 or EN2 or EN3 = ON
Including IBIAS
No Load
LDO1/2/3 Input Ground
Current vs. Output Current
0
2
4
6
8
10
12
14
16
18
20
0
25
50
75
100
125
150
OUTPUT CURRENT (mA)
VBIAS = 5.5V
VIN = VOUT + 1V
EN1 or EN2 or EN3= ON
LDO1/2/3 Input Ground
Current vs. Input Voltage
0
2
4
6
8
10
12
14
16
18
20
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VBIAS = 5.5V
EN1 or EN2 or EN3 = ON
No Load
LDO1/2/3 Input Ground
Current vs. Temperature
0
2
4
6
8
10
12
14
16
18
20
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VBIAS = 5.5V
EN1 or EN2 or EN3 = ON
No Load
LDO1/2/3 Bias Ground
Current vs. Output Current
0
5
10
15
20
25
30
35
40
45
50
0
20 40 60 80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VBIAS = 5.5V
VIN = VOUT + 1V
EN1 or EN2 or EN3= ON
LDO1/2/3 Bias Ground
Current vs. Temperature
0
5
10
15
20
25
30
35
40
45
50
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VBIAS = 5.5V
VIN = VOUT + 1V
EN1 or EN2 or EN3= ON
LDO1 Output Noise
Spectral Density
0.001
0.01
0.1
1
10
10
100
1,000
10,000
100,000
FREQUENCY (Hz)
VIN = 3.8V
VOUT = 2.8V
COUT = 1µF
CBIAS = 0.1µF
Load = 150mA
Noise (10Hz- 100kHz) = 200µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com