Electronic Components Datasheet Search
  English  ▼

X  

MIC5373 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5373 Datasheet HTML 5Page - Micrel Semiconductor MIC5373 Datasheet HTML 6Page - Micrel Semiconductor MIC5373 Datasheet HTML 7Page - Micrel Semiconductor MIC5373 Datasheet HTML 8Page - Micrel Semiconductor MIC5373 Datasheet HTML 9Page - Micrel Semiconductor MIC5373 Datasheet HTML 10Page - Micrel Semiconductor MIC5373 Datasheet HTML 11Page - Micrel Semiconductor MIC5373 Datasheet HTML 12Page - Micrel Semiconductor MIC5373 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
9
M9999-070110
Typical Characteristics (Continued)
LDO2 Output Noise
Spectral Density
0.01
0.1
1
10
10
100
1,000
10,000
100,000
FREQUENCY (Hz)
VIN = 4.0V
VOUT = 1.8V
COUT = 1µF
CBIAS = 0.1µF
Load = 100µA
Noise (10Hz - 100kHz) = 160µVrms
LDO2 Output Noise
Spectral Density
0.01
0.1
1
10
10
100
1,000
10,000
100,000
FREQUENCY (Hz)
VIN = 4.0V
VOUT = 1.8V
COUT = 1µF
CBIAS = 0.1µF
Load = 150mA
Noise (10Hz - 100kHz) = 144µVrms
LDO3 Output Noise
Spectral Density
0.001
0.01
0.1
1
10
10
100
1,000
10,000
100,000
FREQUENCY (Hz)
VIN = 4.3V
VOUT = 1.2V
COUT = 1µF
CBIAS = 0.1µF
Load = 100µA
Noise (10Hz - 100kHz) = 125µVrms
LDO3 Output Noise
Spectral Density
0.001
0.01
0.1
1
10
10
100
1,000
10,000
100,000
FREQUENCY (Hz)
VIN = 3.9V
VOUT = 1.2V
COUT=1µF
CBIAS = 0.1µF
Load = 150mA
Noise (10Hz - 100kHz) = 105µVrms
LDO1 PSRR (IOUT = 100µA)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
FREQUENCY(Hz)
`
VIN = 4.3V
VOUT = 3.3V
COUT = 1µF
LDO1 PSRR (IOUT = 150mA)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
FREQUENCY(Hz)
`
VIN = 4.3V
VOUT = 3.3V
COUT = 1µF
LDO2 PSRR (IOUT = 100µA)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
FREQUENCY(Hz)
`
VIN = 3.6V
VOUT = 2.5V
COUT = 1µF
LDO2 PSRR (IOUT = 150mA)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
FREQUENCY(Hz)
`
VIN = 3.6V
VOUT = 2.5V
COUT = 1µF
LDO3 PSRR (IOUT = 100µA)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000 1000000
FREQUENCY (Hz)
VIN = 3.6V
VOUT = 1.8V
COUT = 1µF
LDO3 PSRR (IOUT = 150mA)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000 1000000
FREQUENCY(Hz)
`
VIN = 3.3V
VOUT = 1.8V
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com