Electronic Components Datasheet Search
  English  ▼

X  

MIC5373 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC5373 Datasheet HTML 11Page - Micrel Semiconductor MIC5373 Datasheet HTML 12Page - Micrel Semiconductor MIC5373 Datasheet HTML 13Page - Micrel Semiconductor MIC5373 Datasheet HTML 14Page - Micrel Semiconductor MIC5373 Datasheet HTML 15Page - Micrel Semiconductor MIC5373 Datasheet HTML 16Page - Micrel Semiconductor MIC5373 Datasheet HTML 17Page - Micrel Semiconductor MIC5373 Datasheet HTML 18Page - Micrel Semiconductor MIC5373 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
15
M9999-070110
Application Information
MIC5373/83 is a triple output device with three 200mA
LDOs. The MIC5373/83 incorporates a POR function
with the capability to monitor any voltage using POR_IN.
The monitored voltage can be set to any voltage
threshold level to trigger the POR flag. A delay on the
POR flag may also be set with an external capacitor at
the DLY pin. All the LDOs have current limit and thermal
shutdown protection to prevent damage from fault
conditions. MIC5373 has active high enables while the
MIC5383 has active low enables.
Input Capacitor
The MIC5373/83 is a high performance, high bandwidth
device. An input capacitor of 1µF from the input pin to
ground is required to provide stability. Low ESR ceramic
capacitors provide optimal performance in small board
area. Additional high frequency capacitors, such as
small valued NPO dielectric type capacitors, help filter
out high frequency noise and are good practice in any
RF based circuit. X5R or X7R dielectrics are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore not recommended.
Output Capacitor
The MIC5373/83 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized for
use with low ESR ceramic chip capacitors. High ESR
capacitors may cause high frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 1µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R and X5R dielectric ceramic capacitors are
recommended
because
of
their
temperature
performance. X7R capacitors change capacitance by
15% over their operating temperature range and are the
most stable type of ceramic capacitors. Z5U and Y5V
dielectric capacitors change value by as much as 50%
and 60% respectively over their operating temperature
ranges. To use a ceramic chip capacitor with Y5V
dielectric the value must be much higher than an X7R
ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No Load Stability
Unlike many other voltage regulators, the MIC5373/83
will remain stable and in regulation with no load.
Thermal Considerations
The MIC5373/83 is designed to provide three outputs up
to 200mA each of continuous current in a very small
package. Maximum ambient operating temperature can
be calculated based on the output current and the
voltage drop across the part. For example if the input
voltages are 3.6V and the output voltages are 3.3V,
2.5V, and 1.8V each with an output current = 150mA.
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VINLDO1/2 – VOUT1) I OUT1 +
(VINLDO1/2 – VOUT2) I OUT2 +
(VINLDO3 – VOUT3) I OUT3 + VIN x IGND
As the MIC5373/83 is a CMOS device, the ground current
is typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1% and
may be ignored for this calculation.
PD ≈ (3.6V – 2.8V)150mA+(3.6V-1.8V)150mA+
(3.6V-1.2V)150mA
PD ≈ 0.75W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction to ambient
thermal resistance of the device and the following basic
equation:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
JA
A
J(MAX)
D(MAX)
θ
T
T
P
TJ(MAX) = 125°C
θJA = 100°C/W
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5373-MG4YMT at
an input voltage of 3.6V and 150mA load on LDO1,
LDO2 and LDO3 with a minimum layout footprint, the
maximum ambient operating temperature TA can be
determined as follows:
0.75W = (125°C – TA) / (100°C/W)
TA = 50°C
Therefore the maximum ambient operating temperature
of 50°C is allowed in a 2.5mm x 2.5mm Thin MLF
®
package for the voltage options specified and at the
maximum load of 150mA on each output. For a full
discussion of heat sinking and thermal effects on voltage
regulators, refer to the “Regulator Thermals” section of
Micrel’s Designing with Low-Dropout Voltage Regulators
handbook. This information can be found on Micrel's
website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com