Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5162 Datasheet HTML 1Page - Micrel Semiconductor MIC5162 Datasheet HTML 2Page - Micrel Semiconductor MIC5162 Datasheet HTML 3Page - Micrel Semiconductor MIC5162 Datasheet HTML 4Page - Micrel Semiconductor MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Micrel, Inc.
MIC5162
March 2010
5
M9999-033110
Typical Characteristics
-5
-4
-3
-2
-1
0
1
2
3
4
5
-3
-2
-1
0
1
2
3
OUTPUT CURRENT (A)
[VTT - VREF]
vs. Output Current
-10
-8
-6
-4
-2
0
2
4
6
8
10
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (ºC)
[VTT - VREF]
vs. Temperature
SINK 3A
-10
-8
-6
-4
-2
0
2
4
6
8
10
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (ºC)
[VTT - VREF]
vs. Temperaute
SOURCE 3A
1.2375
1.2400
1.2425
1.2450
1.2475
1.2500
1.2525
1.2550
1.2575
1.2600
1.2625
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (ºC)
VREF
vs. Temperature
VDDQ = 2.5V
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
INPUT VOLTAGE (V)
ICC Current
vs. VCC
0
2
4
6
8
10
12
14
16
18
20
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (ºC)
ICC Current
vs. Temperature
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com