Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor MIC5162 Datasheet HTML 10Page - Micrel Semiconductor MIC5162 Datasheet HTML 11Page - Micrel Semiconductor MIC5162 Datasheet HTML 12Page - Micrel Semiconductor MIC5162 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Micrel, Inc.
MIC5162
March 2010
9
M9999-033110
where I_SINK is the average sink current.
In
a
typical
3A
peak
SSTL_2
circuit,
power
considerations for MOSFET selection would occur as
follows.
PD = (VDDQ −VTT) × I_SOURCE
PD = (2.5V −1.25V) × 1.6A
PD = 2W
This typical SSTL_2 application would require both high-
side and low-side N-Channel MOSFETs to be able to
handle 2 Watts each. In applications where there is
excessive
power
dissipation,
multiple
N-Channel
MOSFETs may be placed in parallel. These MOSFETs
will share current, distributing power dissipation across
each device.
The maximum MOSFET die (junction) temperature limits
maximum power dissipation. The ability of the device to
dissipate heat away from the junction is specified by the
junction-to-ambient (θJA) thermal resistance. This is the
sum of junction-to-case (θJC) thermal resistance, case-
to-sink (θCS) thermal resistance and sink-to-ambient
(θSA) thermal resistance;
θJA = θJC + θCS + θSA
In the example of a 3A peak SSTL_2 termination circuit,
a D-pack N-Channel MOSFET that has a maximum
junction temperature of 125°C has been selected. The
device has a junction-to-case thermal resistance of
1.5°C/Watt. The application has a maximum ambient
temperature of 60°C. The required junction-to-ambient
thermal resistance can be calculated as follows:
D
A
J
JA
P
T
T −
=
θ
Where TJ is the maximum junction temperature, TA is the
maximum ambient temperature and PD is the power
dissipation.
In this example:
D
A
J
JA
P
T
T −
=
θ
W
2
C
60
C
125
θJA
°
°
=
-
W
/
C
5
.
32
θJA
°
=
This shows that our total thermal resistance must be
better than 32.5°C/W. Since the total thermal resistance
is a combination of all the individual thermal resistances,
the amount of heat sink required can be calculated as
follows:
θSA = θJA − (θJC + θCS)
In this example:
(
)
C
5
.
0
W
/
C
5
.
1
W
/
C
5
.
32
θSA
°
+
°
°
=
-
W
/
C
5
.
30
θ SA
°
=
In most cases, case-to-sink thermal resistance can be
assumed to be about 0.5°C/W.
The SSTL termination circuit for this example, using 2 D-
pack N-Channel MOSFETs (one high side and one on
the low side) will require at least a 30.5°C/W heat sink
per MOSFET. This may be accomplished with an
external heat sink or even just the copper area that the
MOSFET is soldered to. In some cases, airflow may also
be required to reduce thermal resistance.
MOSFET Gate Threshold
N-Channel MOSFETs require an enhancement voltage
greater than its source voltage. Typical N-Channel
MOSFETs have a gate-source threshold (VGS) of 1.8V
and higher. Since the source of the high side N-Channel
is connected to VTT, the MIC5162 VCC pin requires a
voltage greater than the VGS voltage. For example, the
SSTL_2 termination circuit has a VTT voltage of 1.25V.
For an N-Channel that has a VGS rating of 2.5V, the VCC
voltage can be as low as 3.75V, but not less than 3.0V.
With an N-Channel that has a 4.5V VGS, the minimum
VCC required is 5.75V. Although these N-Channels are
driven below their full enhancement threshold, it is
recommended that the VCC voltage has enough margin
to be able to fully enhance the MOSFETs for large signal
transient response. In addition, low gate thresholds
MOSFETs
are
recommended
to
reduce
the
VCC
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com