Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5162 Datasheet HTML 1Page - Micrel Semiconductor MIC5162 Datasheet HTML 2Page - Micrel Semiconductor MIC5162 Datasheet HTML 3Page - Micrel Semiconductor MIC5162 Datasheet HTML 4Page - Micrel Semiconductor MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Micrel, Inc.
MIC5162
March 2010
3
M9999-033110
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ....................................... −0.3V to +7V
Supply Voltage (VDDQ) ..................................... −0.3V to +7V
Enable Input Voltage (VEN).................... −0.3V to (VIN+0.3V)
Junction Temperature Range (TJ)...... −40°C < TJ < +125°C
Lead Temperature (Soldering 10sec.) ....................... 260°C
Storage Temperature (TS)......................... −65°C to +150°C
ESD Rating
(3)................................................................+2kV
Operating Ratings
(2)
Supply Voltage (VCC).............................................. 3V to 6V
Supply Voltage (VDDQ) ....................................... 1.35V to 6V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Thermal Resistance
MSOP-10 (θJA)..............................................130.5°C/W
MSOP-10 (θJC)................................................42.6°C/W
Electrical Characteristics
(4)
TA = 25°C with VDDQ = 2.5V; VCC = 5V, VEN = VCC, bold values indicate –40°C ≤ TJ ≤ +125°C, unless otherwise specified.
See test circuit 1 for test circuit configuration.
Parameter
Condition
Min
Typ
Max
Units
VREF Voltage Accuracy
-1%
0.5VDDQ
+1%
V
Sourcing; 100mA to 3A
-5
-10
0.4
+5
+10
mV
mV
VTT Voltage Accuracy (Note 5)
Sinking; -100mA to -3A
-5
-10
0.6
+5
+10
mV
mV
Supply Current (IDDQ)
VEN = 1.2V (controller ON)
No Load
120
140
200
A
A
Supply Current (ICC)
No Load
15
20
25
mA
mA
ICC Shutdown Current (Note 6)
VEN = 0.2V (controller OFF)
10
35
A
Start-up Time (Note 7)
VCC = 5V external bias; VEN = VIN
8
15
30
s
s
Enable Input
Regulator Enable
1.2
V
Enable Input Threshold
Regulator Shutdown
0.3
V
Enable Hysteresis
40
mV
VIL < 0.2V (controller shutdown)
0.01
A
Enable Pin Input Current
VIH > 1.2V (controller enable)
5.5
A
Driver
High Side MOSFET Fully ON
4.8
4.97
V
High Side Gate Drive Voltage
High Side MOSFET Fully OFF
0.03
0.2
V
Low Side MOSFET Fully ON
4.8
4.97
V
Low Side Gate Drive Voltage
Low Side MOSFET Fully OFF
0.03
0.2
V
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model 1.5k
in series with 100pF.
4. Specification for packaged product only.
5. The VTT voltage accuracy is measured as a delta voltage from the reference output (VTT - VREF).
6. Shutdown current is measured only on the VCC pin. The VDDQ pin will always draw a minimum amount of current when voltage is applied.
7. Start-up time is defined as the amount of time from EN = VCC to HSD = 90% of VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com