Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5162 Datasheet HTML 1Page - Micrel Semiconductor MIC5162 Datasheet HTML 2Page - Micrel Semiconductor MIC5162 Datasheet HTML 3Page - Micrel Semiconductor MIC5162 Datasheet HTML 4Page - Micrel Semiconductor MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Micrel, Inc.
MIC5162
March 2010
2
M9999-033110
Ordering Information
Part Number
Temperature Range
Package
Lead Finish
MIC5162YMM
–40° to +125°C
10-Pin MSOP
Pb-Free
Note: MSOP is a Green RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
VCC
Bias Supply Input. Apply 3V-6V to this input for internal bias to the controller.
2
EN
Enable (Input): CMOS compatible input. Logic high = enable, logic low = shutdown.
The enable pin can be tied directly to VDDQ or VCC for functionality. Do not float the
enable pin. Floating this pin causes the enable to be in an undetermined state.
3
VDDQ
Input Supply Voltage.
4
VREF
Reference voltage equal to half of VDDQ. For internal use only.
5
GND
Ground.
6
FB
Feedback input to the internal error amplifier.
7
COMP
Compensation (Output):
Connect a capacitor and resistor from COMP pin to
feedback pin for compensation of the internal control loop.
8
LD
Low-side drive: Connects to the Gate of the external low-side MOSFET.
9
HD
High-side drive: Connects to the Gate of the external high-side MOSFET.
10
NC
Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com