Electronic Components Datasheet Search
  English  ▼

X  

MIC5162 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5162
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5162 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5162 Datasheet HTML 1Page - Micrel Semiconductor MIC5162 Datasheet HTML 2Page - Micrel Semiconductor MIC5162 Datasheet HTML 3Page - Micrel Semiconductor MIC5162 Datasheet HTML 4Page - Micrel Semiconductor MIC5162 Datasheet HTML 5Page - Micrel Semiconductor MIC5162 Datasheet HTML 6Page - Micrel Semiconductor MIC5162 Datasheet HTML 7Page - Micrel Semiconductor MIC5162 Datasheet HTML 8Page - Micrel Semiconductor MIC5162 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MIC5162
Dual Regulator Controller for DDR3
GDDR3/4/5 Memory and High-Speed
Bus Termination
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2010
M9999-033110
General Description
The MIC5162 is a dual regulator controller designed for
high speed bus termination. It offers a simple, low-cost
JEDEC compliant solution for terminating high-speed, low-
voltage digital buses (i.e. DDR, DDR2, DDR3, SCSI, GTL,
SSTL, HSTL, LV-TTL, Rambus, LV-PECL, LV-ECL, etc).
The MIC5162 controls two external N-Channel MOSFETs
to form two separate regulators. It operates by switching
between either the high-side MOSFET or the low-side
MOSFET depending upon whether the current is being
sourced to the load or sunk by the regulator.
Designed
to
provide
a
universal
solution
for
bus
termination regardless of input voltage, output voltage, or
load current. The desired MIC5162 output voltage can be
programmed by forcing the reference voltage externally to
desired voltage.
The MIC5162 operates from an input of 1.35V to 6V, with
a second bias supply input required for operation. It is
available in a tiny MSOP-10 package with operating
junction temperature range of -40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
•
Input voltage range: 1.35V to 6V
•
Up to 7A VTT Current
•
Tracking programmable output
•
Wide bandwidth
•
Logic controlled enable input
•
Requires minimal external components
•
DDR, DDR2, DDR3, memory termination
•
-40°C < TJ < +125°C
•
JEDEC Compliant Bus Termination for SCSI, GTL,
SSTL, HSTL, LV-TTL, Rambus, LV-PECL, LV-ECL, etc
•
Tiny MSOP-10 package
Applications
•
Desktop Computers
•
Notebook computers
•
Communication systems
•
Video cards
•
DDR/DDR2/DDR3 memory termination
____________________________________________________________________________________________________________
Typical Application
Typical SSTL-2 Application
(Two MOSFETs Support a 3.5A Application)


Similar Part No. - MIC5162

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162 Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
MIC5162BMM MICREL-MIC5162BMM Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
MIC5162YMM MICREL-MIC5162YMM Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
More results

Similar Description - MIC5162

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
logo
California Micro Device...
CM3109 CALMIRCO-CM3109 Datasheet
542Kb / 12P
2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162 Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
logo
Linear Technology
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
logo
Rohm
BD3538FVM ROHM-BD3538FVM Datasheet
126Kb / 5P
Regulator IC for Memory Termination
logo
Micrel Semiconductor
MIC5164 MICREL-MIC5164 Datasheet
1Mb / 23P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
MIC5165 MICREL-MIC5165 Datasheet
973Kb / 24P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
MIC5163 MICREL-MIC5163_09 Datasheet
452Kb / 15P
Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
logo
Linear Technology
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831 LINER-LTC3831_15 Datasheet
219Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com