Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC3000
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 18Page - Micrel Semiconductor MIC3000 Datasheet HTML 19Page - Micrel Semiconductor MIC3000 Datasheet HTML 20Page - Micrel Semiconductor MIC3000 Datasheet HTML 21Page - Micrel Semiconductor MIC3000 Datasheet HTML 22Page - Micrel Semiconductor MIC3000 Datasheet HTML 23Page - Micrel Semiconductor MIC3000 Datasheet HTML 24Page - Micrel Semiconductor MIC3000 Datasheet HTML 25Page - Micrel Semiconductor MIC3000 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
MIC3000
Micrel
M9999-101204
22
October 2004
APCSET
APCSETx
APCLUT T
APCSET
APCSETx
APCLUT max
APCSET
APCSETx
APCLUT min
m
COMPm
Table min T
Table max
m
T
Table max
m
T
Table min
COMPm
COMP
COMP
=+
=+
=+
≤≤
>
<
()
()
()
__
_
_
(6)
If the measured temperature is greater than the maximum
table value, the highest value in each table is used. If the
measured temperature is less than the minimum, the mini-
mum value is used. Hysteresis is employed to further en-
hance noise immunity and prevent oscillation about a table
threshold. Each table entry spans two degrees C. The table
index will not change unless the new temperature average
results in a table index beyond the midpoint of the next entry
in either direction. There is therefore 2 to 3°C of hysteresis on
temperature compensation changes. The table index will
never oscillate due to quantization noise as the hysteresis is
much larger than ±1¦2 LSB.
Byte Addresses
Function
00h–3Fh
APC Look-up Table
40h–7Fh
IMOD Look-up Table
80h–BFh
IFLT Look-up Table
C0h–FFh
Bias High Alarm Look-up Table
Table 11. Temperature Compensation Look-up Tables,
Serial Address I2CADR + 4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com