Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 40 Page - Micrel Semiconductor

Part # MIC3000
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 40 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 36Page - Micrel Semiconductor MIC3000 Datasheet HTML 37Page - Micrel Semiconductor MIC3000 Datasheet HTML 38Page - Micrel Semiconductor MIC3000 Datasheet HTML 39Page - Micrel Semiconductor MIC3000 Datasheet HTML 40Page - Micrel Semiconductor MIC3000 Datasheet HTML 41Page - Micrel Semiconductor MIC3000 Datasheet HTML 42Page - Micrel Semiconductor MIC3000 Datasheet HTML 43Page - Micrel Semiconductor MIC3000 Datasheet HTML 44Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
MIC3000
Micrel
M9999-101204
40
October 2004
Bias Current High Warning Threshold MSB (IHIGHh)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h (0mA)
Serial Address
A2h = 1010001b
Byte Address
20= 14h
This register is to be used in conjunction with IHIGHl to yield a sixteen-bit value. The value in this register is
uncalibrated. The value in IHIGHh is compared against ILDh. Warning bit Wx is set if ILDh > IHIGHh.
Bias Current High Warning Threshold LSB (IHIGHl)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h (0mA)
Serial Address
A2h = 1010001b
Byte Address
21= 15h
Each LSB represents 2
µA. This register is to be used in conjunction with IHIGHh to yield a sixteen-bit value. The value
in this register is uncalibrated. The value in IHIGHh is compared against ILDh. Warning bit Wx is set if ILDh > IHIGHh.
Since ILDl is always zero, it is recommended that this register always be programmed to zero. This register is provided
for compliance with SFF-8472. It is not used by the MIC3000 when doing threshold comparisons and setting alarm or
warning bits.
Bias Current Low Warning Threshold MSB (ILOWh)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h (0mA)
Serial Address
A2h = 1010001b
Byte Address
22= 16h
This register is to be used in conjunction with ILOWl to yield a sixteen-bit value. The value in this register is
uncalibrated. The value in ILOWh is compared against ILDh. Warning bit Wx is set if ILDh < ILOWh.
Bias Current Low Warning Threshold LSB (ILOWl)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h (0mA)
Serial Address
A2h = 1010001b
Byte Address
23= 17h
Each LSB represents 2
µA. This register is to be used in conjunction with ILOWh to yield a sixteen-bit value. The value
in this register is uncalibrated. The value in ILOWh is compared against ILDh. Warning bit Wx is set if ILDh < ILOWh.
Since ILDl is always zero, it is recommended that this register always be programmed to zero. This register is provided
for compliance with SFF-8472. It is not used by the MIC3000 when doing threshold comparisons and setting alarm or
warning bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com