Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MIC3000
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 27Page - Micrel Semiconductor MIC3000 Datasheet HTML 28Page - Micrel Semiconductor MIC3000 Datasheet HTML 29Page - Micrel Semiconductor MIC3000 Datasheet HTML 30Page - Micrel Semiconductor MIC3000 Datasheet HTML 31Page - Micrel Semiconductor MIC3000 Datasheet HTML 32Page - Micrel Semiconductor MIC3000 Datasheet HTML 33Page - Micrel Semiconductor MIC3000 Datasheet HTML 34Page - Micrel Semiconductor MIC3000 Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
October 2004
31
M9999-101204
MIC3000
Micrel
Serial Port Operation
The MIC3000 uses standard Write_Byte, Read_Byte, and
Read_Word operations for communication with its host. It
also supports Page_Write and Sequential_Read transac-
tions. The Write_Byte operation involves sending the device’s
slave address (with the R/W bit low to signal a write opera-
tion), followed by the address of the register to be operated
upon and the data byte. The Read_Byte operation is a
composite write and read operation: the host first sends the
device’s slave address followed by the register address, as in
a write operation. A new start bit must then be sent to the
MIC3000, followed by a repeat of the slave address with the
R/W bit (LSB) set to the high (read) state. The data to be read
from the part may then be clocked out. A Read_Word is
similar, but two successive data bytes are clocked out rather
than one. These protocols are shown in Figure 21 to 24.
The MIC3000 will respond to up to four sequential slave
addresses depending upon whether it is in OEM or User
mode. A match between one of the MIC3000’s addresses
and the address specified in the serial bit stream must be
made to initiate communication. The MIC3000 responds to
slave addresses A0h and A2h in User Mode; it also responds
to A4h and A6h in OEM Mode (assuming I2CADR = Axh).
Page Writes
To increase the speed of multi-byte writes, the MIC3000
allows up to four consecutive bytes (one page) to be written
before the internal write cycle begins. The entire non-volatile
memory array is organized into four-byte pages. Each page
begins on a register address boundary where the last two bits
of the address are 00b. Thus the page is composed of any four
consecutive bytes having the addresses xxxxxx00b,
xxxxxx01b, xxxxxx10b, and xxxxxx11b.
The page write sequence begins just like a Write_Byte
operation with the host sending the slave address, R/W bit
low, register address, etc. After the first byte is sent the host
should receive an acknowledge. Up to three more bytes can
be sent in sequence. The MIC3000 will acknowledge each
one and increment its internal address register in anticipation
of the next byte. After the last byte is sent, the host issues a
STOP. The MIC3000’s internal write process then begins. If
more than four bytes are sent, the MIC3000’s internal ad-
dress counter wraps around to the beginning of the four-byte
page.
To accelerate calibration and testing, NVRAM write cycles
can be disabled completely by setting the WRINH bit in
OEMCAL0. Writes to registers that do not have NVRAM
backup will not incur write-cycle delays when writes are
inhibited. Write operations on registers that exist only in
NVRAM will still incur write cycle delays.
S 1010
000
0 AXXXXXXXXA
D4
D5
D6
D3 D2 D1 D0
D7
/A P
MIC3000 Slave Address
DATA
CLK
Register Address
Data Byte to MIC3000
START
STOP
R/W = WRITE
ACKNOWLEDGE
ACKNOWLEDGE
NOT ACKNOWLEDGE
Master to slave transfer,
i.e., DATA driven by master.
Slave to master transfer,
i.e., DATA driven by slave.
Figure 21. Write Byte Protocol
S 1010000
X X A0
0 A 0
0 XXXXXXAS 1
1
1
00
X
X
X
XXXX
A X
/A P
MIC3000 Slave Address
DATA
CLK
Register Address
MIC3000 Slave Address
Data Read From MIC3000
START
START
STOP
R/W = WRITE
R/W = READ
ACKNOWLEDGE
ACKNOWLEDGE
ACKNOWLEDGE
NOT ACKNOWLEDGE
Master to slave transfer,
i.e., DATA driven by master.
Slave to master transfer,
i.e., DATA driven by slave.
Figure 22. Read Byte Protocol
S 1010
000
0 A 000000 X X A
MIC3000 Slave Address
DATA
CLK
Register Address
START
R/W = WRITE
ACKNOWLEDGE
ACKNOWLEDGE
S 1010
000
1A
A
D3
D4
D5
D2 D1 D0
D7
D6
D7
/A P
D6 D5 D4 D3 D2 D1 D0
MIC3000 Slave Address
High-Order Byte
from MIC3000
Low-Order Byte
from MIC3000
START
STOP
R/W = READ
ACKNOWLEDGE
ACKNOWLEDGE
NOT ACKNOWLEDGE
Master-to-slave tranfer,
i.e., DATA driven by master.
Slave-to-master transfer,
i.e.,DATA driven by slave.
Figure 23. Read_Word Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com