Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 33 Page - Micrel Semiconductor

Part # MIC3000
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 33 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 29Page - Micrel Semiconductor MIC3000 Datasheet HTML 30Page - Micrel Semiconductor MIC3000 Datasheet HTML 31Page - Micrel Semiconductor MIC3000 Datasheet HTML 32Page - Micrel Semiconductor MIC3000 Datasheet HTML 33Page - Micrel Semiconductor MIC3000 Datasheet HTML 34Page - Micrel Semiconductor MIC3000 Datasheet HTML 35Page - Micrel Semiconductor MIC3000 Datasheet HTML 36Page - Micrel Semiconductor MIC3000 Datasheet HTML 37Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
October 2004
33
M9999-101204
MIC3000
Micrel
Detailed Register Descriptions
Note: Serial bus addresses shown assume that I2CADR = Axh.
Alarm Threshold Registers
Temperature High Alarm Threshold MSB (TMAXh)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h (0°C)
Serial Address
A2h = 1010001b
Byte Address
00 = 00h
Each LSB represents one degree centigrade. This register is to be used in conjunction with TMAXl to yield a sixteen-
bit temperature value. The value in this register is uncalibrated. The value in TMAXh is compared against TEMPh.
Alarm bit Ax is set if TEMPh > TMAXh.
Temperature High Alarm Threshold LSB (TMAXh)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h (0°C)
Serial Address
A2h = 1010001b
Byte Address
01 = 01h
This register is to be used in conjunction with TMAXh to yield a sixteen-bit temperature value. The value in TMAXh is
compared against TEMPh. Alarm bit Ax is set if TMAXh > TEMPh. Since TEMPl is always zero, it is recommended that
this register always be programmed to zero. This register is provided for compliance with SFF-8472. It is not used by
the MIC3000 when doing threshold comparisons and setting alarm or warning bits.
Temperature Low Alarm Threshold MSB (TMINh)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h (0°C)
Serial Address
A2h = 1010001b
Byte Address
02 = 02h
Each LSB represents one degree centigrade. This register is to be used in conjunction with TMINl to yield a sixteen-bit
temperature value. The value in TMINh is compared against TEMPh. Alarm bit Ax is set if TEMPh < TMINh.
Temperature Low Alarm Threshold LSB (TMINl)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h (0°C)
Serial Address
A2h = 1010001b
Byte Address
03 = 03h
This register is to be used in conjunction with TMINh to yield a sixteen-bit temperature value. The value in TMINh is
compared against TEMPh. Alarm bit Ax is set if TEMPh < TMINh. Since TEMPl is always zero, it is recommended that
this register always be programmed to zero. This register is provided for compliance with SFF-8472. It is not used by
the MIC3000 when doing threshold comparisons and setting alarm or warning bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com