Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 25 Page - Micrel Semiconductor

Part # MIC3000
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 25 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 21Page - Micrel Semiconductor MIC3000 Datasheet HTML 22Page - Micrel Semiconductor MIC3000 Datasheet HTML 23Page - Micrel Semiconductor MIC3000 Datasheet HTML 24Page - Micrel Semiconductor MIC3000 Datasheet HTML 25Page - Micrel Semiconductor MIC3000 Datasheet HTML 26Page - Micrel Semiconductor MIC3000 Datasheet HTML 27Page - Micrel Semiconductor MIC3000 Datasheet HTML 28Page - Micrel Semiconductor MIC3000 Datasheet HTML 29Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
October 2004
25
M9999-101204
MIC3000
Micrel
+127
–128
063
LUT(LUTINDX)
(a)
+127
0
+127°C
–40°C
(b)
+98°C
+34°C
+127
0
+127°C
–40°C
(c)
+98°C
+34°C
+127
0
+127°C
–40°C
LUTOFF = 0Fh
APCSEL = 00h
(d)
+98°C
+34°C
APCSET0 = 64
APCSET0 = 92
APCSET0 = 128
Figure 12. Temperature Compensation Examples
Figure 12 llustrates that the table values are used as offsets
to the nominal value of the parameter in question. APCSET
is used as an example, but all four tables function identically.
Note that the shape and magnitude of the compensation
curve do not change as the nominal value changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com