Electronic Components Datasheet Search
  English  ▼

X  

IXTP90N075T2 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXTP90N075T2
Description  DC to DC Synchronous Converter Design
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N075T2 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXTP90N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 6Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 7Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 8Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 9Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 10Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
10
The power dissipation in the driver is defined by,
SW
DD
total
G
thJC
a
J
DRIVER
f
V
Q
R
T
T
P
•
•
=
−
=
)
(
where VDD = 10V and fS = 200 kHz (assume for this case)
The estimated driver power dissipation,
mW
P
D
84
10
200
10
10
42
3
9
=
•
•
•
•
≈
−
Dead-Time Power Loss: [3]
The dead-time is defined as the time required when both the MOSFETs are off in order to
prevent shoot-through. In this period, the Schottky diode (or integral body diode is
forward-biased and provided a power loss defined by,
Driver IXS839 provides delay time in the datasheet,
)
/
5
.
0
(
)
(
)
(
_
pF
nS
pF
C
nS
t
Delay
Time
Delay
•
=
(22)
Assume,
nS
t
t
d
d
100
2
1
=
=
, which provides
pF
pF
C
Delay
200
)
(
=
The Delay-Time loss is define in (11-13) as
S
rr
rr
in
S
L
O
f
rr
cd
td
f
t
I
V
f
td
I
I
V
P
P
P
•
•
•
•
+
•
•
⎟
⎠
⎞
⎜
⎝
⎛
Δ
−
•
=
+
=
2
1
1
2
1
1
1
3
9
3
9
10
200
10
37
2
.
2
12
2
1
10
200
10
100
2
528
.
0
12
85
.
0
x
x
x
x
•
•
•
•
+
•
•
⎟
⎠
⎞
⎜
⎝
⎛ −
•
=
−
−
= 0.19905+0.09768= 0.297W= 297mW
()
S
L
O
f
rr
cd
td
f
td
I
I
V
P
P
P
•
•
⎟
⎠
⎞
⎜
⎝
⎛
Δ
+
•
=
=
=
2
2
0
2
2
2
3
9
10
200
10
100
2
528
.
0
12
85
.
0
x
x
•
•
⎟
⎠
⎞
⎜
⎝
⎛ +
•
=
−
=0.208W= 208mW
mW
mW
mW
P
P
P
td
td
BD
505
208
297
2
1
=
+
=
+
=
Synchronous Converter Efficiency:
If we neglect inductor’s DC power loss and capacitor’s ESR loss then the total
estimated power loss, Ploss= 1337mW+1007mW+84mW+505mW=2933mW= 2.933W
Given output power, Po = Vo*Io = 3.3*12= 39.6W
Estimated input power, Pin= 39.6+2.933=42.6W
The efficiency is defined as,
Pin
Po
Iin
Vin
VoIo
=
•
=
η
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com