Electronic Components Datasheet Search
  English  ▼

X  

IXTP90N075T2 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXTP90N075T2
Description  DC to DC Synchronous Converter Design
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N075T2 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXTP90N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 6Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 7Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 8Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 9Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 10Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
7
Design Example 1:
Assume design parameters as VIN=12V, VO=3.3V and Io=12A.
Table 1: Design Consideration 1 for synchronous buck converter
Input Voltage, Vin
12V
Output Voltage, Vo
3.3V
Output Current, Io
12A
Assume the output ripple voltage is within
± 1% of Vo. For Vo =3.3V, the output ripple
is limited within,
V
t
V
L
033
.
0
)
(
≤
Δ
. When the output capacitor (C1) is 10uF, the inductor
L1 values for the range of switching frequencies from 100 kHz to 500 kHz are given in
Table: 2 based on equations 3-7.
Table 2: When C1= 10uF
Vin
(V)
Vo
(V)
D
ΔV
L
(V)
fs
(kHz)
C1
(uF)
ΔΙ
L1
(A)
L1
(uH)
fc
(kHz)
12
3.3
0.275
0.033
100
10
0.264
90
5.31
12
3.3
0.275
0.033
200
10
0.528
45.31
7.48
12
3.3
0.275
0.033
300
10
0.792
30.20
9.16
12
3.3
0.275
0.033
400
10
1.056
22.65
10.60
12
3.3
0.275
0.033
500
10
1.32
18.12
11.83
Synchronous Driver Controller: ISL6594D from Intersil:
Based on equation 18 and 19, From ISL6594D driver datasheet, given high-side: tr=26nS,
tf=18nS and source/sink current = 1.25/2A (max). For low-side, trr=18nS, tf=12nS and
source/sink current = 2/3.0 A (max):
Table 4: from Datasheet
High-Side
Rise time
Source Current (A)
Required Qg(on)
Source
26 ns
1.25
32.5nC
Sink
18 ns
2
36nC
Low-Side
Rise time
Source Current (A)
Required Qg(on)
Source
18nS
2
36nC
Sink
12ns
3
36nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com