Electronic Components Datasheet Search
  English  ▼

X  

IXTP90N075T2 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXTP90N075T2
Description  DC to DC Synchronous Converter Design
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N075T2 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXTP90N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 6Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 7Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 8Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 9Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 10Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
9
Gate
DOWN
PULL
DRIVER
SP
DD
L
H
DRIVER
R
R
V
V
I
+
−
=
−
−
)
(
)
(
A
58
.
1
2
2
.
2
35
.
3
10
=
+
−
=
The rise time is,
nS
nS
nS
t
on
t
36
10
26
)
(
=
+
=
The fall time is,
nS
nS
ns
t
off
t
28
10
18
)
(
=
+
=
High-Side MOSFET loss (Q1=IXTA90N055T2):
The conduction loss is,
D
R
I
P
on
DS
O
Q
Cond
•
•
=
)
(
2
1
_
mW
332
332
.
0
275
.
0
0084
.
0
12
2
=
=
•
•
=
The Gate-Charge losses: (assume fs = 200 kHz)
mW
x
x
x
x
f
Q
V
P
s
g
GS
Q
GC
84
10
200
10
42
0
.
10
3
9
1
_
=
=
•
•
=
−
And estimated switching loss is,
Pt
2
]
}
{
[
)
(
)
(
)
(
)
(
(max)
s
off
t
off
DS
on
t
on
DS
DS
f
t
I
t
I
V
•
•
+
•
=
3
9
10
200
10
)
28
36
(
2
12
12
x
x
x
−
+
•
•
=
= 0.921W=921mW
Total high-side losses: 332mW+84mW+921mW = 1337mW=1.337W
Low-Side MOSFET loss (Q2):
The conduction loss is,
)
1
(
)
(
2
2
_
D
R
I
P
on
DS
O
Q
Cond
−
•
•
=
mW
W
877
877
.
0
725
.
0
0084
.
0
12
2
=
=
•
•
=
The Gate-Charge loss:
mW
x
x
x
x
f
Q
V
P
s
g
GS
Q
GC
84
10
200
10
42
0
.
10
3
9
1
_
=
=
•
•
=
−
Total low-side losses: 877mW+84mW =961mW
ISL6594D Driver loss:
From datasheet: VDD = 5V
Table 6: IXS839 Driver Output Stage from datasheet
Driver pull up resistance
RDRIVER(PULL_UP)
3.0 Ω
Driver pull down resistance
RDRIVER(PULL_DOWN)
2.2
Ω
Driver gate resistance
RGATE
2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com