Electronic Components Datasheet Search
  English  ▼

X  

IXTP90N075T2 Datasheet(PDF) 11 Page - IXYS Corporation

Part # IXTP90N075T2
Description  DC to DC Synchronous Converter Design
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N075T2 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IXTP90N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 6Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 7Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 8Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 9Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 10Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
11
The estimated efficiency,
%
93
93
.
0
6
.
42
6
.
39
=
=
=
η
%,
Estimated input current:
If we assume only 93% efficiency, then the estimated input current can be obtained,
Estimated input current,
η
•
=
Vin
VoIo
I
in
=
A
5
.
3
93
.
0
12
12
3
.
3
=
•
•
A
Bootstrap Circuit Design: [3]
Selecting bootstrap circuit components are done with consideration of the electrical rating
and characteristics of the high-side MOSFET (Q1).
The capacitance is defined by datasheet of IXS839 driver,
BST
total
G
BST
V
Q
C
Δ
=
)
(
(24)
Where QG(total) is the total gate charge of high-side MOSFET (Q1), and
VBST
Δ
is the
allowable voltage droop in Q1. Assume this voltage droop equal to 0.1V.
uF
mV
nC
C
BST
210
.
0
200
42
=
=
The bootstrap diode and capacitor voltage rating should be
DD
IN
pacitor
DiodeandCa
Bootstrap
V
V
V
+
>
_
The average forward current is defined by,
SW
total
G
Avg
F
f
Q
I
•
=
)
(
)
(
(25)
mA
5
.
10
10
250
10
42
3
9
=
•
•
•
=
−
Bibliography
[1] “Synchronous Buck MOSFETs loss calculation” AN-6005, Jon Klein, Fairchild
Semiconductor, 01/04/2006, www.fairchildsemi.com
[2] “Examination of reverse recovery losses in a synchronous buck converter circuit”
Application Note from Silicon Semiconductor, 2003, www.siliconsemi.com
[3] Datasheet for ISL6594D “Advanced Synchronous Rectified Buck MOSFET Driver”
from Intersil Corporation, 2007, www.intersil.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com