Electronic Components Datasheet Search
  English  ▼

X  

IXTP90N075T2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP90N075T2
Description  DC to DC Synchronous Converter Design
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N075T2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP90N075T2 Datasheet HTML 1Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 2Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 6Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 7Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 8Page - IXYS Corporation IXTP90N075T2 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
4
period when
)
(
1 t
I
L
is greater than Io. The charge ( Q
Δ ) that flows into C1 at this time
divided by the value of C1 is the output voltage ripple component.
Output Inductor Ripple Current and Voltage:
The inductor voltage can be defined as,
Vo
Vin
dt
di
L
V
L
−
=
= 1
, or,
1
)
(
)
(
1
L
Vo
Vin
t
t
I
i
L
−
Δ
=
Δ
=
Δ
, here,
DTs
Ton
t
=
=
Δ
The inductor ripple current is,
)
(
1 t
I
L
Δ
=
1
)
(
1
L
f
Vo
Vin
D
L
Vo
Vin
DTs
S •
−
=
−
(1)
The charge, Q
Δ , indicated in Figure 5, can be determined by calculating the area of the
triangle with height
2
)
(
1 t
I
L
Δ
and width
2
Ts
shown in Figure 5.
S
L
S
L
S
L
f
t
I
T
t
I
T
t
I
Q
8
)
(
8
)
(
2
2
)
(
2
1
1
1
1
Δ
=
•
Δ
=
•
Δ
•
=
Δ
The ripple voltage is,
)
(
)
(
2
)
1
(
1
1
8
)
1
(
1
8
)
(
1
)
(
2
2
2
1
t
V
f
f
Vo
D
C
L
VinTs
D
D
C
Ts
t
I
C
Q
t
V
O
S
C
L
L
Δ
=
−
=
−
=
Δ
=
Δ
=
Δ
π
(2)
Where,
1
1
2
1
C
L
f
C
π
=
, Output low pass filter (LPF) resonant frequency,
=
S
f
The
switching frequency. The inductor value of L1 and the effective series resistance (ESR)
of the output capacitor, C1, affect the output ripple voltage,
L
V
Δ . A capacitor with the
lowest possible ESR is recommended for the application. For example, 4.7–10 uF
capacitors in X5R/X7R technology have ESR approximately 10 m .
Ω .
Summary of design equations:
Ripples voltage/current, Inductor and Capacitor:
Output ripple voltage,
S
L
L
L
f
C
t
I
C
Ts
t
I
t
V
1
8
)
(
1
8
)
(
)
(
1
1
Δ
=
Δ
=
Δ
(3)
Inductor ripple current,
)
(
1
8
)
(
1
t
V
f
C
t
I
L
S
L
Δ
•
=
Δ
(4)
Output inductor,
)
(
)
(
)
(
1
1
1
t
I
f
Vo
Vin
D
t
I
Vo
Vin
DTs
L
L
S
L
Δ
•
−
=
Δ
−
≥
(5)
Output capacitor,
Vo
f
I
C
s
L
Δ
Δ
≥
8
1
1
since
Vo
C
Ts
t
I
Q
L
Δ
•
=
•
Δ
•
=
Δ
1
2
2
)
(
2
1
1
(6)
Output filter cut-off frequency,
1
1
2
1
C
L
f
C
π
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com