Electronic Components Datasheet Search
  English  ▼

X  

MAX14850 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14850 Datasheet HTML 1Page - Maxim Integrated Products MAX14850 Datasheet HTML 2Page - Maxim Integrated Products MAX14850 Datasheet HTML 3Page - Maxim Integrated Products MAX14850 Datasheet HTML 4Page - Maxim Integrated Products MAX14850 Datasheet HTML 5Page - Maxim Integrated Products MAX14850 Datasheet HTML 6Page - Maxim Integrated Products MAX14850 Datasheet HTML 7Page - Maxim Integrated Products MAX14850 Datasheet HTML 8Page - Maxim Integrated Products MAX14850 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MAX14850
Six-Channel Digital Isolator
����������������������������������������������������������������� Maxim Integrated Products 1
Typical Operating Circuits
Typical Operating Circuits continued at end of data sheet.
19-6161; Rev 0; 3/12
Ordering Information appears at end of data sheet.
PMBus is a trademark of SMIF, Inc.
For related parts and recommended products to use with this part,
refer to: www.maxim-ic.com/MAX14850.related
EVALUATION KIT AVAILABLE
General Description
The MAX14850 is a six-channel digital isolator utilizing
Maxim’s proprietary process technology, whose mono-
lithic design provides a compact and low-cost transfer
of digital signals between circuits with different power
domains. The technology enables low power consumption
and stable high-temperature performance.
The four unidirectional channels are each capable of
DC to 50Mbps, with two of the four channels passing
data across the isolation barrier in each direction. The
two bidirectional channels are open drain and each is
capable of data rates from DC to 2Mbps.
Independent 3.0V to 5.5V supplies on each side of the
isolator also make it suitable for use as a level translator.
The MAX14850 can be used for isolating SPI busses, I2C
busses with clock stretching, RS-232, RS-485/RS-422
busses, and general-purpose isolation. When used as
a bus isolator, extra channels are available for power
monitoring and reset signals.
The MAX14850 is available in a narrow body,16-pin SO
(10mm x 4mm) package. The SO package is specified
over the -40NC to +125NC automotive temperature range.
Applications
Industrial Control Systems
I2C, SPI, SMBus, PMBusK Interfaces
Isolated RS-232, RS-485/RS-422
Telecommunication Systems
Battery Management
Medical Systems
Benefits and Features
S
Protection from High-Voltage Environments
600VRMS Isolation for 60 Seconds
Short-Circuit Protection on Unidirectional
Outputs
S
Complete Digital Isolation Solution
Four Unidirectional Signal Paths: 2-In/2-Out
Two Bidirectional Open-Drain Signal Paths
50Mbps (max) Unidirectional Data Rate
2Mbps (max) Bidirectional Data Rate
S
Compatible with Many Interface Standards
I2C With Clock Stretching
SPI
RS-232, RS-422/RS-485
SMBus, PMBus Interfaces
I/OA1
RST
CS
SCLK ADC
MOSI
MISO
GPIO1
I/OA2
GPIO2
INA1
SCLK
INA2
MOSI
OUTA1
MISO
OUTA2
I/OB1
I/OB2
OUTB1
OUTB2
INB1
INB2
GPIO3
µC
GNDA
GNDB
VCCA
VCCB
RPUA
RPUA
RPUB
RPUB
0.1µF
0.1µF
3.3V
5V
VCCB MONITOR
MAX14850
600VRMS
ISOLATION
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX14850

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850AEE+ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850ASE+ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850PMB1 MAXIM-MAX14850PMB1 Datasheet
1Mb / 7P
MAX14850PMB1 Peripheral Module
Rev 0; 5/12
More results

Similar Description - MAX14850

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
Six-Channel Digital Isolator
Rev 2; 11/14
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
Low Power Six-Channel Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com