Electronic Components Datasheet Search
  English  ▼

X  

MAX14850 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14850 Datasheet HTML 8Page - Maxim Integrated Products MAX14850 Datasheet HTML 9Page - Maxim Integrated Products MAX14850 Datasheet HTML 10Page - Maxim Integrated Products MAX14850 Datasheet HTML 11Page - Maxim Integrated Products MAX14850 Datasheet HTML 12Page - Maxim Integrated Products MAX14850 Datasheet HTML 13Page - Maxim Integrated Products MAX14850 Datasheet HTML 14Page - Maxim Integrated Products MAX14850 Datasheet HTML 15Page - Maxim Integrated Products MAX14850 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
���������������������������������������������������������������� Maxim Integrated Products 14
MAX14850
Six-Channel Digital Isolator
Applications Information
Affect of Continuous Isolation
on Lifetime
High-voltage conditions cause insulation to degrade
over time. Higher voltages result in faster degradation.
Even the high-quality insulating material used in the
MAX14850 can degrade over long periods of time with a
constant high-voltage across the isolation barrier. Figure 4
shows the life expectancy of the MAX14850 vs. working
isolation voltage.
Power-Supply Sequencing
The MAX14850 does not require special power-supply
sequencing. The logic levels are set independently on
either side by VCCA and VCCB. Each supply can be pres-
ent over the entire specified range regardless of the level
or presence of the other.
Power-Supply Decoupling
To reduce ripple and the chance of introducing data
errors, bypass VCCA and VCCB with 0.1FF ceramic
capacitors to GNDA and GNDB, respectively. Place the
bypass capacitors as close to the power-supply input
pins as possible.
Figure 4. Life Expectancy vs. Working Isolation Voltage
Figure 3. Undervoltage Lockout Behavior
LIFE EXPECTANCY
vs. WORKING ISOLATION VOLTAGE
WORKING ISOLATION VOLTAGE (VIOWM) - VRMS
700
600
500
400
300
200
100
0.1
1
10
100
50
1000
0.001
0
800
VIOWM = 200VRMS
VCCA
VCCB
VOUTA_
VOUTB_
VI/OA_
VI/OB_
400µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com