Electronic Components Datasheet Search
  English  ▼

X  

MAX14850 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14850 Datasheet HTML 1Page - Maxim Integrated Products MAX14850 Datasheet HTML 2Page - Maxim Integrated Products MAX14850 Datasheet HTML 3Page - Maxim Integrated Products MAX14850 Datasheet HTML 4Page - Maxim Integrated Products MAX14850 Datasheet HTML 5Page - Maxim Integrated Products MAX14850 Datasheet HTML 6Page - Maxim Integrated Products MAX14850 Datasheet HTML 7Page - Maxim Integrated Products MAX14850 Datasheet HTML 8Page - Maxim Integrated Products MAX14850 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
MAX14850
Six-Channel Digital Isolator
ELECTRICAL CHARACTERISTICS (continued)
(VCCA – VGNDA = 3.0V to 5.5V, VCCB – VGNDB = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VCCA – VGNDA = 3.3V, VCCB – VGNDB = 3.3V, and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Channel-to-Channel
Skew (Notes 3, 8)
tDSKEWCC
OUTB1 to OUTB2 output
skew, Figure 1
VCCA = VCCB =
+3.3V
3
ns
VCCA = VCCB =
+5V
3
OUTA1 to OUTA2 output
skew, Figure 1
VCCA = VCCB =
+3.3V
3
VCCA = VCCB =
+5V
3
I/OB1 to I/OB2 output
skew, Figure 2
VCCA = VCCB =
+3.3V
6
VCCA = VCCB =
+5V
5
I/OA1 to I/OA2 output
skew, Figure 2
VCCA = VCCB =
+3.3V
20
VCCA = VCCB =
+5V
20
Part-to-Part Skew
(Notes 3, 8)
tDSKEWPP
D
tDPLH, DtDPHL
8
ns
Rise Time (Note 3)
tR
OUTA1, OUTA2, OUTB1, OUTB2, 10% to 90%,
Figure 1
5
ns
Fall Time (Note 3)
tF
OUTA1, OUTA2, OUTB1, OUTB2, 90% to 10%,
Figure 1
5
ns
I/OA1, I/OA2, 90% to
10%, R1 = 1.6kI, R2
= 180I, CL1 = CL2 =
15pF, Figure 2
VCCA = VCCB =
+3.3V
30
60
VCCA = VCCB =
+5V
40
80
I/OB1, I/OB2, 90% to
10%, R1 = 1kI, R2 =
120I, CL1 = CL2 =
15pF, Figure 2
VCCA = VCCB =
+3.3V
3
6
VCCA = VCCB =
+5V
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com