Electronic Components Datasheet Search
  English  ▼

X  

MAX14850 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14850 Datasheet HTML 7Page - Maxim Integrated Products MAX14850 Datasheet HTML 8Page - Maxim Integrated Products MAX14850 Datasheet HTML 9Page - Maxim Integrated Products MAX14850 Datasheet HTML 10Page - Maxim Integrated Products MAX14850 Datasheet HTML 11Page - Maxim Integrated Products MAX14850 Datasheet HTML 12Page - Maxim Integrated Products MAX14850 Datasheet HTML 13Page - Maxim Integrated Products MAX14850 Datasheet HTML 14Page - Maxim Integrated Products MAX14850 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX14850
Six-Channel Digital Isolator
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
VOLTAGE RELATIVE TO
1
VCCA
Supply Voltage of Logic Side A. Bypass VCCA with a 0.1FF ceramic
capacitor to GNDA.
GNDA
2
INA1
Logic Input 1 on Side A. INA1 is translated to OUTB1.
GNDA
3
INA2
Logic Input 2 on Side A. INA2 is translated to OUTB2.
GNDA
4
OUTA1
Logic Output 1 on Side A. OUTA1 is a push-pull output.
GNDA
5
OUTA2
Logic Output 2 on Side A. OUTA2 is a push-pull output.
GNDA
6
I/OA1
Bidirectional Input/Output 1 on Side A. I/OA1 is translated to/from I/OB1
and is a open-drain output.
GNDA
7
I/OA2
Bidirectional Input/Output 2 on Side A. I/OA2 is translated to/from I/OB2
and is a open-drain output.
GNDA
8
GNDA
Ground Reference for Side A
—
9
GNDB
Ground Reference for Side B
—
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCCA
VCCB
OUTB1
OUTB2
INB1
INB2
I/OB1
I/OB2
GNDB
TOP VIEW
INA1
INA2
I/OA1
OUTA1
OUTA2
I/OA2
GNDA
MAX14850
+
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com