Electronic Components Datasheet Search
  English  ▼

X  

MAX14850 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14850 Datasheet HTML 1Page - Maxim Integrated Products MAX14850 Datasheet HTML 2Page - Maxim Integrated Products MAX14850 Datasheet HTML 3Page - Maxim Integrated Products MAX14850 Datasheet HTML 4Page - Maxim Integrated Products MAX14850 Datasheet HTML 5Page - Maxim Integrated Products MAX14850 Datasheet HTML 6Page - Maxim Integrated Products MAX14850 Datasheet HTML 7Page - Maxim Integrated Products MAX14850 Datasheet HTML 8Page - Maxim Integrated Products MAX14850 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX14850
Six-Channel Digital Isolator
VCCA to GNDA ........................................................-0.3V to +6V
VCCB to GNDB ........................................................-0.3V to +6V
OUTA1, OUTA2 to GNDA ..................... -0.3V to (VCCA + 0.3V)
OUTB1, OUTB2 to GNDB ..................... -0.3V to (VCCB + 0.3V)
INB1, INB2, I/OA1, I/OA2 to GNDA ........................-0.3V to +6V
INA1, INA2, I/OB1, I/OB2 to GNDB ........................-0.3V to +6V
Short-Circuit Duration (OUTA_ to GNDA or
VCCA, OUTB_ to GNDB or VCCB) .........................Continuous
Continuous Current (I/OA_, I/OB_) Pin............................ Q50mA
Continuous Power Dissipation (TA = +70NC)
SO (derate 13.3mW/NC above +70NC)..................1067mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
SO
Junction-to-Ambient Thermal Resistance (BJA) ..........75NC/W
Junction-to-Case Thermal Resistance (BJC) ...............24NC/W
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VCCA – VGNDA = 3.0V to 5.5V, VCCB – VGNDB = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VCCA – VGNDA = 3.3V, VCCB – VGNDB = 3.3V, and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Supply Voltage
VCCA
Relative to GNDA
3.0
5.5
V
VCCB
Relative to GNDB
3.0
5.5
Supply Current
ICCA,
ICCB
Unidirectional inputs
at DC or 2Mbps;
bidirectional inputs at DC
or switching at 2Mbps.
No load.
VCCA = +5V,
VCCB = +5V
7.2
11
mA
VCCA = +3.3V,
VCCB = +3.3V
6.2
9.5
All inputs switching at
max data rate. No load.
(Note 3)
VCCA
= +5V,
VCCB =
+5V
TA =
+25
°C
15
22
TA =
+125
°C
17
24
VCCA =
+3.3V,
VCCB =
+3.3V
TA =
+25
°C
10
16
TA =
+125
°C
11
18
Undervoltage Lockout
Threshold
VUVLO
VCCA - VGNDA, VCCB - VGNDB (Note 4)
2
V
Undervoltage Lockout
Hysteresis
VUVLOHYS
VCCA - VGNDA, VCCB - VGNDB (Note 4)
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com