Electronic Components Datasheet Search
  English  ▼

X  

MAX34440 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 7Page - Maxim Integrated Products MAX34440 Datasheet HTML 8Page - Maxim Integrated Products MAX34440 Datasheet HTML 9Page - Maxim Integrated Products MAX34440 Datasheet HTML 10Page - Maxim Integrated Products MAX34440 Datasheet HTML 11Page - Maxim Integrated Products MAX34440 Datasheet HTML 12Page - Maxim Integrated Products MAX34440 Datasheet HTML 13Page - Maxim Integrated Products MAX34440 Datasheet HTML 14Page - Maxim Integrated Products MAX34440 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
11
Pin Description (continued)
PIN
NAME
FUNCTION
18
PWM4
PWM Margin Output #4. High impedance when the margining is disabled. A 100% duty cycle implies
this pin is continuously high.
19
PSEN4
Power-Supply Enable Output #4. Programmable through MFR_MODE for either active high or active
low and either open drain or CMOS push-pull.
20
PWM3
PWM Margin Output #3. High impedance when the margining is disabled. A 100% duty cycle implies
this pin is continuously high.
22
REG18
Regulator for Low-Voltage Digital Circuitry. Bypass REG18 to VSS with 1FF and 10nF capacitors. Do
not connect other circuitry to this pin.
23
PSEN3
Power-Supply Enable Output #3. Programmable through MFR_MODE for either active high or active
low and either open drain or CMOS push-pull.
24
PWM2
PWM Margin Output #2. High impedance when the margining is disabled. A 100% duty cycle implies
this pin is continuously high.
25
PSEN2
Power-Supply Enable Output #2. Programmable through MFR_MODE for either active high or active
low and either open drain or CMOS push-pull.
26
PWM1
PWM Margin Output #1. High impedance when the margining is disabled. A 100% duty cycle implies
this pin is continuously high.
27
PSEN1
Power-Supply Enable Output #1. Programmable through MFR_MODE for either active high or active
low and either open drain or CMOS push-pull.
28
PWM0
PWM Margin Output #0. High impedance when the margining is disabled. A 100% duty cycle implies
this pin is continuously high.
29
REG25
Regulator for Analog Circuitry. Bypass REG25 to VSS with 1FF and 10nF capacitors. Do not connect
other circuitry to this pin.
30
PSEN0
Power-Supply Enable Output #0. Programmable through MFR_MODE for either active high or active
low and either open drain or CMOS push-pull.
31
SDA
I2C/SMBus-Compatible Input/Output
32
SCL
I2C/SMBus-Compatible Clock Input
33
A0/MUXSEL
SMBus Address 0 Input/Multiplexer Control Output. This dual-function pin is sampled on device
power-up to determine the SMBus address; connect a 100kI resistor from this pin to either VSS or
VDD to set the address. After device power-up, this pin becomes an output that acts as voltage/
current selector for an external analog multiplexer. MUXSEL is low for voltage measurements and
high for current measurements.
34
FAULT
Active-Low, Open-Drain Fault Input/Output. This pin is asserted when one or more of the power supplies
in a global group are shut down due to a fault condition. Also, this pin is monitored and, when it is
asserted, all power supplies in a global group are shut down. This pin is used to provide hardware
control for power supplies in a global group across multiple devices. This output is unconditionally
deasserted when RST is asserted or the device is power cycled. This pin has a 50Fs deglitch filter.
35
CONTROL
Device Enable. Option through ON_OFF_CONFIG for active-low or active-high power-supply control.
This pin has a 50Fs deglitch filter.
37
A1/PG
SMBus Address 1 Input/Power-Good Output. This dual-function pin is sampled on device power-up
to determine the SMBus address; connect a 100kI resistor from this pin to either VSS or VDD to set
the address. After device power-up, this pin becomes an output that transitions high when all the
enabled power supplies are above their associated POWER_GOOD_ON thresholds.
38
ALERT
Active-Low, Open-Drain Alert Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com