Electronic Components Datasheet Search
  English  ▼

X  

MAX34440 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 31Page - Maxim Integrated Products MAX34440 Datasheet HTML 32Page - Maxim Integrated Products MAX34440 Datasheet HTML 33Page - Maxim Integrated Products MAX34440 Datasheet HTML 34Page - Maxim Integrated Products MAX34440 Datasheet HTML 35Page - Maxim Integrated Products MAX34440 Datasheet HTML 36Page - Maxim Integrated Products MAX34440 Datasheet HTML 37Page - Maxim Integrated Products MAX34440 Datasheet HTML 38Page - Maxim Integrated Products MAX34440 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
35
The MFR_SERIAL command loads the device with text (ISO/IEC 8859-1) characters that uniquely identify the device.
The maximum number of characters is 8. This data is written to internal flash using the STORE_DEFAULT_ALL com-
mand. The factory default text string value is 10101010.
Table 21. MFR_MODE
Note: VDD must be above 2.9V for the device to clear or log data into MFR_NV_FAULT_LOG. MFR_MODE should not be changed
while power supplies are being sequenced.
BIT
BIT NAME
MEANING
15
FORCE_NV_FAULT_LOG
Setting this bit to 1 forces the device to log data into the nonvolatile fault log. Once set, the
device clears this bit when the action is completed. The host must set again for subsequent
action. If an error occurs during this action, the device sets the CML bit in STATUS_BYTE
and STATUS_WORD; no bits are set in STATUS_CML.
14
CLEAR_NV_FAULT_LOG
Setting this bit to 1 forces the device to clear the nonvolatile fault log by writing FFh to all
byte locations. Once set, the device clears this bit when the action is completed. The host
must set again for subsequent action. If an error occurs during this action, the device sets
the CML bit in STATUS_BYTE and STATUS_WORD; no bits are set in STATUS_CML.
13
ALERT
0 = ALERT disabled (device does not respond to ARA).
1 = ALERT enabled (device responds to ARA and ARA must be used).
12
0
This bit always returns a 0.
11
SOFT_RESET
This bit must be set, then cleared and set again within 8ms for a soft reset to occur.
10:9
PGTIME[1:0]
PGTIME1
PGTIME0
TIME FROM POWER GOOD DETERMINED
UNTIL PG OUTPUT IS ASSERTED (ms)
0
0
Immediately
0
1
100
1
0
500
1
1
1000
8
0
This bit always returns a 0.
7
PSEN_PP_OD
Applies to all PSEN outputs.
0 = PSEN push-pull output.
1 = PSEN open-drain output.
6
PSEN_HI_LO
Applies to all PSEN outputs.
0 = PSEN active low.
1 = PSEN active high.
5:0
0
These bits always return a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com