Electronic Components Datasheet Search
  English  ▼

X  

MAX34440 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX34440 Datasheet HTML 1Page - Maxim Integrated Products MAX34440 Datasheet HTML 2Page - Maxim Integrated Products MAX34440 Datasheet HTML 3Page - Maxim Integrated Products MAX34440 Datasheet HTML 4Page - Maxim Integrated Products MAX34440 Datasheet HTML 5Page - Maxim Integrated Products MAX34440 Datasheet HTML 6Page - Maxim Integrated Products MAX34440 Datasheet HTML 7Page - Maxim Integrated Products MAX34440 Datasheet HTML 8Page - Maxim Integrated Products MAX34440 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
3
TABLE OF CONTENTS (continued)
PMBus Commands . .. ... ... .. ... .. ... .. ... .. ... ... .. ... ... .. ... ... .. ... ... .. ... .. ... ... .. ... . 23
PAGE (00h) ................................................................................ 23
OPERATION (01h) ........................................................................... 24
ON_OFF_CONFIG (02h) ...................................................................... 25
CLEAR_FAULTS (03h) ....................................................................... 25
WRITE_PROTECT (10h) ...................................................................... 25
STORE_DEFAULT_ALL (11h) .................................................................. 26
RESTORE_DEFAULT_ALL (12h) ................................................................ 26
CAPABILITY (19h) ........................................................................... 26
VOUT_MODE (20h) .......................................................................... 26
VOUT_MARGIN_HIGH (25h) .................................................................. 26
VOUT_MARGIN_LOW (26h) ................................................................... 27
VOUT_SCALE_MONITOR (2Ah) ................................................................ 27
IOUT_CAL_GAIN (38h) ....................................................................... 27
VOUT_OV_FAULT_LIMIT (40h) ................................................................. 28
VOUT_OV_WARN_LIMIT (42h) ................................................................. 28
VOUT_UV_WARN_LIMIT (43h) ................................................................. 28
VOUT_UV_FAULT_LIMIT (44h) ................................................................. 28
IOUT_OC_WARN_LIMIT (46h) .................................................................29
IOUT_OC_FAULT_LIMIT (4Ah) .................................................................29
OT_FAULT_LIMIT (4Fh) .......................................................................29
OT_WARN_LIMIT (51h) .......................................................................30
POWER_GOOD_ON (5Eh) ....................................................................30
POWER_GOOD_OFF (5Fh) ................................................................... 31
TON_DELAY (60h) .......................................................................... 31
TON_MAX_FAULT_LIMIT (62h) ................................................................ 31
TOFF_DELAY (64h) .......................................................................... 31
STATUS_BYTE (78h) ......................................................................... 32
STATUS_WORD (79h) ........................................................................ 32
STATUS_VOUT (7Ah).........................................................................33
STATUS_CML (7Eh) .........................................................................33
STATUS_MFR_SPECIFIC (80h) ................................................................33
READ_VOUT (8Bh) ..........................................................................34
READ_IOUT (8Ch) ..........................................................................34
READ_TEMPERATURE_1 (8Dh) ................................................................34
PMBUS_REVISION (98h) .....................................................................34
MFR_ID (99h) ..............................................................................34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com