Electronic Components Datasheet Search
  English  ▼

X  

MAX34440 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 10Page - Maxim Integrated Products MAX34440 Datasheet HTML 11Page - Maxim Integrated Products MAX34440 Datasheet HTML 12Page - Maxim Integrated Products MAX34440 Datasheet HTML 13Page - Maxim Integrated Products MAX34440 Datasheet HTML 14Page - Maxim Integrated Products MAX34440 Datasheet HTML 15Page - Maxim Integrated Products MAX34440 Datasheet HTML 16Page - Maxim Integrated Products MAX34440 Datasheet HTML 17Page - Maxim Integrated Products MAX34440 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
14
Table 1. PMBus Command Codes
Detailed Description
The MAX34440 is a highly integrated system monitor
based upon a 16-bit MAXQM microcontroller with facto-
ry-programmed functionality to monitor up to six power
supplies. The device provides power-supply closed-loop
control, and local/remote thermal-sensing facilities.
The power-supply manager monitors the power-supply
output voltage and constantly checks for user-pro-
grammable overvoltage and undervoltage thresholds. It
also can margin the power-supply output voltage up or
down by a user-programmable level. The margining is
performed in a closed-loop arrangement, whereby the
device automatically adjusts a pulse-width-modulated
(PWM) output and then measures the resultant output
voltage. The power-supply manager can also sequence
the supplies in any order at both power-up and power-
down. With the addition of an external current-sense
amplifier, the device can also monitor currents.
Thermal monitoring can be accomplished using up to
eight temperature sensors, including an on-chip ther-
mal sensor, four DS75LV digital thermometers, and a
MAX6695 dual remote/local thermal temperature sensor.
Communication with the DS75LV and MAX6695 tem-
perature sensors is conducted through a dedicated I2C/
SMBus interface.
The device provides ALERT and FAULT output signals.
Host communications are conducted through a PMBus-
compatible communications port. Address input con-
nections are also provided to allow up to four MAX34440
devices to reside on the system’s I/O bus.
MAXQ is a registered trademark of Maxim Integrated
Products, Inc.
CODE
COMMAND NAME
TYPE
PAGE
0–5
PAGE
6–13
PAGE
255
NO. OF
BYTES
FLASH
STORED
(NOTE 2)
DEFAULT
VALUE
(NOTE 2)
(NOTE 1)
00h
PAGE
R/W Byte
R/W
R/W
R/W
1
N
00h
01h
OPERATION
R/W Byte
R/W
—
W
1
N
00h
02h
ON_OFF_CONFIG
R/W Byte
R/W
R/W
R/W
1
Y
1Ah
03h
CLEAR_FAULTS
Send Byte
W
W
W
0
N
—
10h
WRITE_PROTECT
R/W Byte
R/W
R/W
R/W
1
N
00h
11h
STORE_DEFAULT_ALL
Send Byte
W
W
W
0
N
—
12h
RESTORE_DEFAULT_ALL
Send Byte
W
W
W
0
N
—
19h
CAPABILITY
Read Byte
R
R
R
1
N
00h/10h
20h
VOUT_MODE
Read Byte
R
R
R
1
FIXED
40h
25h
VOUT_MARGIN_HIGH
R/W Word
R/W
—
—
2
Y
0000h
26h
VOUT_MARGIN_LOW
R/W Word
R/W
—
—
2
Y
0000h
2Ah
VOUT_SCALE_MONITOR
R/W Word
R/W
—
—
2
Y
7FFFh
38h
IOUT_CAL_GAIN
R/W Word
R/W
—
—
2
Y
0000h
40h
VOUT_OV_FAULT_LIMIT
R/W Word
R/W
—
—
2
Y
7FFFh
42h
VOUT_OV_WARN_LIMIT
R/W Word
R/W
—
—
2
Y
7FFFh
43h
VOUT_UV_WARN_LIMIT
R/W Word
R/W
—
—
2
Y
0000h
44h
VOUT_UV_FAULT_LIMIT
R/W Word
R/W
—
—
2
Y
0000h
46h
IOUT_OC_WARN_LIMIT
R/W Word
R/W
—
—
2
Y
7FFFh
4Ah
IOUT_OC_FAULT_LIMIT
R/W Word
R/W
—
—
2
Y
0000h
4Fh
OT_FAULT_LIMIT
R/W Word
—
R/W
—
2
Y
7FFFh
51h
OT_WARN_LIMIT
R/W Word
—
R/W
—
2
Y
7FFFh
5Eh
POWER_GOOD_ON
R/W Word
R/W
—
—
2
Y
0000h
5Fh
POWER_GOOD_OFF
R/W Word
R/W
—
—
2
Y
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com