Electronic Components Datasheet Search
  English  ▼

X  

MAX34440 Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAX34440
Description  PMBus 6-Channel Power-Supply Manager
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34440 Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAX34440 Datasheet HTML 34Page - Maxim Integrated Products MAX34440 Datasheet HTML 35Page - Maxim Integrated Products MAX34440 Datasheet HTML 36Page - Maxim Integrated Products MAX34440 Datasheet HTML 37Page - Maxim Integrated Products MAX34440 Datasheet HTML 38Page - Maxim Integrated Products MAX34440 Datasheet HTML 39Page - Maxim Integrated Products MAX34440 Datasheet HTML 40Page - Maxim Integrated Products MAX34440 Datasheet HTML 41Page - Maxim Integrated Products MAX34440 Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
PMBus 6-Channel Power-Supply Manager
38
There is a FAULT_LOG_COUNT (16-bit counter) at the beginning of each fault log that indicates which fault log is
the latest. This counter rolls over should more than 65,535 faults be logged. This counter is not cleared when the
CLEAR_NV_FAULT_LOG bit in MFR_MODE is toggled. The 255 bytes returned by the MFR_NV_FAULT_LOG com-
mand are described in Table 24.
Figure 2. MFR_NV_FAULT_LOG
Table 24. MFR_NV_FAULT_LOG
FAULT LOG INDEX 0
(255 BYTES)
FAULT LOG INDEX 1
(255 BYTES)
FAULT LOG INDEX 2
(255 BYTES)
STATUS VOLTAGE
CURRENT
TEMPERATURE
RAM
FLASH
EACH FAULT IS WRITTEN INTO
THE NEXT FAULT LOG
EACH COMMAND READ
ACCESSES THE NEXT FAULT LOG
FAULT OCCURENCE
FAULT LOG INDEX 14
(255 BYTES)
MFR_NV_FAULT_LOG
BYTE
PARAMETER
BYTE
PARAMETER
0
00h/FAULT_LOG_INDEX
128
READ_VOUT Index = 3, Page 2
2
FAULT_LOG_COUNT
130
READ_VOUT Index = 3, Page 3
4
MFR_TIME_COUNT (LSW)
132
READ_VOUT Index = 3, Page 4
6
MFR_TIME_COUNT (MSW)
134
READ_VOUT Index = 3, Page 5
8
STATUS_BYTE/STATUS_CML
136
READ_VOUT Index = 4, Page 0
10
STATUS_WORD
138
READ_VOUT Index = 4, Page 1
12
STATUS_VOUT Pages 0/1
140
READ_VOUT Index = 4, Page 2
14
STATUS_VOUT Pages 2/3
142
READ_VOUT Index = 4, Page 3
16
STATUS_VOUT Pages 4/5
144
READ_VOUT Index = 4, Page 4
18
STATUS_MFR_SPECIFIC Pages 0/1
146
READ_VOUT Index = 4, Page 5
20
STATUS_MFR_SPECIFIC Pages 2/3
148
READ_VOUT Index = 5, Page 0
22
STATUS_MFR_SPECIFIC Pages 4/5
150
READ_VOUT Index = 5, Page 1
24
STATUS_MFR_SPECIFIC Pages 6/7
152
READ_VOUT Index = 5, Page 2
26
STATUS_MFR_SPECIFIC Pages 8/9
154
READ_VOUT Index = 5, Page 3
28
STATUS_MFR_SPECIFIC Pages 10/11
156
READ_VOUT Index = 5, Page 4
30
STATUS_MFR_SPECIFIC Pages 12/13
158
READ_VOUT Index = 5, Page 5
32
MFR_VOUT_PEAK Page 0
160
READ_VOUT Index = 6, Page 0
34
MFR_VOUT_PEAK Page 1
162
READ_VOUT Index = 6, Page 1
36
MFR_VOUT_PEAK Page 2
164
READ_VOUT Index = 6, Page 2
38
MFR_VOUT_PEAK Page 3
166
READ_VOUT Index = 6, Page 3
40
MFR_VOUT_PEAK Page 4
168
READ_VOUT Index = 6, Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com