Electronic Components Datasheet Search
  English  ▼

X  

TDA2005 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TDA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2005 Datasheet(HTML) 2 Page - Unisonic Technologies

  TDA2005 Datasheet HTML 1Page - Unisonic Technologies TDA2005 Datasheet HTML 2Page - Unisonic Technologies TDA2005 Datasheet HTML 3Page - Unisonic Technologies TDA2005 Datasheet HTML 4Page - Unisonic Technologies TDA2005 Datasheet HTML 5Page - Unisonic Technologies TDA2005 Datasheet HTML 6Page - Unisonic Technologies TDA2005 Datasheet HTML 7Page - Unisonic Technologies TDA2005 Datasheet HTML 8Page - Unisonic Technologies TDA2005 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TDA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 16
www.unisonic.com.tw
QW-R107-035,D
PIN CONFIGURATION
HZIP-11A
HSIP-14B
PIN DESCRIPTION
PIN NO.
PIN NAME
HZIP-11 HSIP-14*
1
1
INPUT+ (1)
2
2
INPUT- (1)
3
3
SVRR
4
4
INPUT- (2)
5
5
INPUT+ (2)
6
6
GND
7
10
BOOTSTRAP 2
8
11
OUTPUT 2
9
12
+VS
10
13
OUTPUT 1
11
14
BOOTSTRAP 1
* PIN 7, 8, 9 no connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com