Electronic Components Datasheet Search
  English  ▼

X  

TDA2005 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TDA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2005 Datasheet(HTML) 5 Page - Unisonic Technologies

  TDA2005 Datasheet HTML 1Page - Unisonic Technologies TDA2005 Datasheet HTML 2Page - Unisonic Technologies TDA2005 Datasheet HTML 3Page - Unisonic Technologies TDA2005 Datasheet HTML 4Page - Unisonic Technologies TDA2005 Datasheet HTML 5Page - Unisonic Technologies TDA2005 Datasheet HTML 6Page - Unisonic Technologies TDA2005 Datasheet HTML 7Page - Unisonic Technologies TDA2005 Datasheet HTML 8Page - Unisonic Technologies TDA2005 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TDA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 16
www.unisonic.com.tw
QW-R107-035,D
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
STEREO
Supply Voltage
VSS
8
18
V
Quiescent Output Voltage
VOUT
VSS=14.4V
6.6
7.2
7.8
V
VSS=13.2V
6
6.6
7.2
Total Quiescent Drain Current
ID
VSS=14.4V
65
120
mA
VSS=13.2V
62
120
Output
Power
(each
channel)
f=1Hz, THD=10%
POUT
VSS=14.4V
RL=4Ω
6
6.5
W
RL=3.2Ω
7
8
RL=2Ω
9
10
RL=1.6Ω
10
11
VSS=13.2V
RL=3.2Ω
6
6.5
RL=1.6Ω
9
10
VSS=16V, RL=2Ω
12
Total Harmonic Distortion
(each channel) f=1KHz
THD
VSS=14.4V, RL=4Ω,
POUT=50mW ~ 4W
0.2
1
%
VSS=14.4V, RL=2Ω,
POUT=50mW ~ 6W
0.3
1
%
VSS=13.2V, RL=3.2Ω,
POUT=50mW ~ 3W
0.2
1
%
VSS=13.2V, RL=1.6Ω,
POUT=40mW ~ 6W
0.3
1
%
Cross Talk
CT
VSS=14.4V,RG=5KΩ,VO
UT=4VRMS, RL=4Ω
f=1KHz
60
dB
f=10kHz
45
Input Saturation Voltage
VIN
300
mV
Input Sensitivity
VIN
f=1kHz, POUT=1W
RL=4Ω
RL=3.2Ω
6
5.5
mV
Input Resistance
RIN
f=1kHz
70
200
kΩ
Low Frequency Roll Off (-3dB)
fL
RL=2Ω
50
Hz
High Frequency Roll Off (-3dB)
fH
RL=2Ω
15
kHz
Voltage Gain (open Ioop)
GV
f=1kHz
90
dB
Voltage Gain (close Ioop)
GV
f=1kHz
48
50
51
dB
Closed Loop Gain Matching
△
GV
0.5
dB
Total Input Noise Voltage
En
RG=10kΩ (Note 1)
1.5
5
μV
Supply Voltage Rejection
SVR
RG=10kΩ, C3=10μF,
FRIPPLE=100Hz, VRIPPLE=0.5V
35
45
dB
Efficiency
η
VSS=14.4V,
f=1kHz
POUT=6.5W, RL=4Ω
70
%
POUT=10W, RL=2Ω
60
VSS=13.2V,
f=1kHz
POUT=6.5W, RL=3.2Ω
70
%
POUT=10W, RL=1.6Ω
60
Note: 1. Bandwith Filter: 22Hz ~ 22kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com