Electronic Components Datasheet Search
  English  ▼

X  

TDA2005 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TDA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2005 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button TDA2005 Datasheet HTML 2Page - Unisonic Technologies TDA2005 Datasheet HTML 3Page - Unisonic Technologies TDA2005 Datasheet HTML 4Page - Unisonic Technologies TDA2005 Datasheet HTML 5Page - Unisonic Technologies TDA2005 Datasheet HTML 6Page - Unisonic Technologies TDA2005 Datasheet HTML 7Page - Unisonic Technologies TDA2005 Datasheet HTML 8Page - Unisonic Technologies TDA2005 Datasheet HTML 9Page - Unisonic Technologies TDA2005 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TDA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 16
www.unisonic.com.tw
QW-R107-035,D
TEST AND APPLICATION CIRCUIT
Bridge amplifier
INPUT
1
5
C3
0.1µF
R1
+Vs
120KΩ
3
9
11
10
2
7
8
4
6
R2
1KΩ
R6
1Ω
3V
10V
RL
R3
2KΩ
3V
12Ω
R4
R5
12Ω
R7
1Ω
+ 1/2
TDA2005
-
+ 1/2
TDA2005
-
C1
2.2µF/ 3V
C8
220µF/
C7
100µF/
C6
220µF/
C4
10µF
C9
0.1µF
C10
0.1µF
C2
2.2µF/ 3V
C5
100µF/ 10V
Stereo amplifier
INPUT
(L)
C1
2.2µF
1
5
R1
+Vs
120KΩ
3
9
10
2
8
4
6
10µF
C4
C5
100µF
C4
R2
1.2KΩ
C8
R6
1Ω
C6
220µF
RL
R3
1.2KΩ
220µF
C7
R4
R5
3.3Ω
0.1µF
C9
R7
1Ω
+ 1/2
TDA2005
-
+ 1/2
TDA2005
-
RL
INPUT
(R)
C2
0.1µF
7
C10
0.1µF
3.3Ω
11
2.2µF
2200µF
100µF
2200µF
C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com