Electronic Components Datasheet Search
  English  ▼

X  

TDA2005 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TDA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2005 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button TDA2005 Datasheet HTML 3Page - Unisonic Technologies TDA2005 Datasheet HTML 4Page - Unisonic Technologies TDA2005 Datasheet HTML 5Page - Unisonic Technologies TDA2005 Datasheet HTML 6Page - Unisonic Technologies TDA2005 Datasheet HTML 7Page - Unisonic Technologies TDA2005 Datasheet HTML 8Page - Unisonic Technologies TDA2005 Datasheet HTML 9Page - Unisonic Technologies TDA2005 Datasheet HTML 10Page - Unisonic Technologies TDA2005 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TDA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 16
www.unisonic.com.tw
QW-R107-035,D
BRIDGE AMPLIFIER DESIGN
The following consideraions can be useful when designing a bridge amplifier.
PARAMETER
SINGLE ENDED
BRIDGE
VOUT max
Peak Output Voltage (before clipping)
(Vs-2VCE sat)
1
2
Vs-2VCE sat
IOUT max
Peak Output Current (before clipping)
Vs-2VCE sat
1
2
RL
Vs-2VCE sat
RL
POUT max
RMS Output Power (before clipping)
(Vs-2VCE sat)2
2RL
4
1
(Vs-2VCE sat)2
2RL
Where: VCE sat=output transistors saturation voltage
VS=allowable supply voltage
RL=load impedance
Voltage and current swings are twice for a bridge amplifier in comparison with single ended amplifier. In order
words, with the same RL the bridge configuration can deliver an output power that is four times the output power of a
single ended amplifier, while, with the same max output current the bridge configuration can deliver an output power
that is twice the output power of a single ended amplifier. Core must be taken when selecting Vs and RL in order to
avoid an output peak current above the absolute maximum rating.
From the expression for Io max, assuming Vs=14.4V and VCE sat=2V, the minimum load that can be driven by
UTC TDA2005 in bridge configuration is:
The voltage gain of the bridge configuration is given by (see Figure 3):
Gv= V0
V1
=1+
R1
R2× R4
R2 + R4
R3
R4
+
For sufficiently high gains (40 ~ 50dB) it is possible to put R2=R4 and R3=2R1, simplifing the formula in:
Gv=4 R1
R2
GV (dB)
R1(Ω)
R2=R4(Ω)
R3(Ω)
40
1000
39
2000
50
1000
12
2000
Bridge Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com