Electronic Components Datasheet Search
  English  ▼

X  

TDA2005 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # TDA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2005 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button TDA2005 Datasheet HTML 5Page - Unisonic Technologies TDA2005 Datasheet HTML 6Page - Unisonic Technologies TDA2005 Datasheet HTML 7Page - Unisonic Technologies TDA2005 Datasheet HTML 8Page - Unisonic Technologies TDA2005 Datasheet HTML 9Page - Unisonic Technologies TDA2005 Datasheet HTML 10Page - Unisonic Technologies TDA2005 Datasheet HTML 11Page - Unisonic Technologies TDA2005 Datasheet HTML 12Page - Unisonic Technologies TDA2005 Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TDA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 16
www.unisonic.com.tw
QW-R107-035,D
APPLICATION INFORMATION(Cont.)
10+10W Stereo Amplifier with Tone Balance and Loudness Control
0.1μF
R1
Vs=+14.4V
120KΩ
3
9
10
2
8
4
6
R3
C7
R7
1Ω
1Ω
3.3
Ω
C8
+ 1/2
TDA2005
-
+ 1/2
TDA2005
-
7
C9
11
4Ω
4Ω
1KΩ
C5
R4
3.3Ω
R5
1KΩ
C6
R6
R8
4Ω
4Ω
INPUT(L)
INPUT(R)
5.6KΩ
5.6KΩ
47nF
47nF
47KΩ
47KΩ
2.2nF
2.2nF
100KΩ
100KΩ
100KΩ
100KΩ
2.7KΩ
2.7KΩ
P3
P4
P1
P2
10μF
100μF
2200μF
0.1μF
100μF
100μF
100μF
0.1μF
2200μF
2.2nF
0.22μF
2.2nF
0.15μF
0.15μF
0.22μF
P5
100KΩ
3
0
6
1
0
1
0
3
1
0
2
1
0
4
f (Hz)
Tone Control Response (circuit of Fihure 8)
-
3
-
6
-
12
-
9
MID
BASS
TREBLE
9
12
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com