Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CD4066
Description  QUAD BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4066 Datasheet(HTML) 4 Page - Unisonic Technologies

  CD4066 Datasheet HTML 1Page - Unisonic Technologies CD4066 Datasheet HTML 2Page - Unisonic Technologies CD4066 Datasheet HTML 3Page - Unisonic Technologies CD4066 Datasheet HTML 4Page - Unisonic Technologies CD4066 Datasheet HTML 5Page - Unisonic Technologies CD4066 Datasheet HTML 6Page - Unisonic Technologies CD4066 Datasheet HTML 7Page - Unisonic Technologies CD4066 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CD4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-739.A
ABSOLUTE MAXIMUM RATING (VSS=0V unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5~+18
V
Input Voltage
VIN
-0.5~ VCC+0.5
V
Power Dissipation
PD
700
mW
Storage Temperature
TSTG
-65~+150
°C
RECOMMENDED OPERATING CONDITIONS (VSS=0V unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3~15
V
Input Voltage
VIN
0~VDD
V
Operating Temperature
TA
-40~+85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS (TA=+25°C, VSS=0V unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Quiescent Device Current
IDD
VIN=VDD
VDD=5V
0.01
1.0
µA
VDD=10V
0.01
2.0
VDD=15V
0.01
4.0
SINGAL INPUTS AND OUTPUTS
“ON” Resistance
RON
RL=10kΩ~(VDD-VSS/2),
VCON=VDD,VSS~VDD
VDD=5V
240 1050
Ω
VDD=10V
120
400
VDD=15V
80
240
∆“ON” Resistance Between
Any 2 of 4 Switches
∆RON
RL=10kΩ~(VDD-VSS/2),
VCC=VDD, VIS=VSS~VDD
VDD=10V
10
Ω
VDD=15V
5
Input or Output Leakage Switch “OFF”
IIS
VCON=0
±0.1
±50
nA
CONTROL INPUTS
LOW Level Input Voltage
VILC
VIS=V SS and VDD,
VOS=VDD and VSS,
IIS=±10µA
VDD=5V
2.25
1.5
V
VDD=10V
4.5
3.0
VDD=15V
6.75
4.0
HIGH Level Input Voltage
VIHC
VDD=5V
3.5
2.75
V
VDD=10V (Note 5)
7.0
5.5
VDD=15V
11.0
8.25
Input Current
IIN
VDD-VSS=15V, VDD≥VIS≥VSS,
VDD≥VCON≥VSS
±10
-5
±0.3
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com