Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # CD4066
Description  QUAD BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4066 Datasheet(HTML) 6 Page - Unisonic Technologies

  CD4066 Datasheet HTML 1Page - Unisonic Technologies CD4066 Datasheet HTML 2Page - Unisonic Technologies CD4066 Datasheet HTML 3Page - Unisonic Technologies CD4066 Datasheet HTML 4Page - Unisonic Technologies CD4066 Datasheet HTML 5Page - Unisonic Technologies CD4066 Datasheet HTML 6Page - Unisonic Technologies CD4066 Datasheet HTML 7Page - Unisonic Technologies CD4066 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CD4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-739.A
SPECIAL CONSIDERATION
Using continuously under heavy loads may cause UTC CD4066 to decrease in the reliability even if the operating
conditions are within the absolute maximum ratings and the operating ranges.
In applications where separate power sources are used to drive VDD and the signal input, the VDD current capability
should exceed VDD/RL. This provision avoids any permanent current flow or clamp action of the VDD supply when
power is applied or removed from UTC CD4066.
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS
tr
tf
tPLH
90%
50%
10%
50%
tPHL
VDD
0V
VDD
0V
VIS
VOS
Fig. 1 tPHL, tPLH Propagation Delay Time Signal Input to Signal Output
CONTROL
IN/OUT
OUT/IN
VDD
VSS
VIS
VCON=VDD
VDD
VOS
RL
200kΩ
CL
50pF
tPLZ
tPZL
VDD
VDD
0V
VOL
VOL
VDD
VDD
0V
tPZL
tPLZ
50%
50%
10%
90%
Fig. 3 tPZL, tPLZ Propagation Delay Time Control to Signal Output
CONTROL
IN/OUT
OUT/IN
VDD
VSS
VIS=0V
VCON
VDD
VOS
RL
1kΩ
CL
50pF
VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com