Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CD4066
Description  QUAD BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4066 Datasheet(HTML) 1 Page - Unisonic Technologies

  CD4066 Datasheet HTML 1Page - Unisonic Technologies CD4066 Datasheet HTML 2Page - Unisonic Technologies CD4066 Datasheet HTML 3Page - Unisonic Technologies CD4066 Datasheet HTML 4Page - Unisonic Technologies CD4066 Datasheet HTML 5Page - Unisonic Technologies CD4066 Datasheet HTML 6Page - Unisonic Technologies CD4066 Datasheet HTML 7Page - Unisonic Technologies CD4066 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CD4066
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-739.A
QUAD BILATERAL SWITCH
DESCRIPTION
The UTC CD4066 is a quad bilateral switch which can be applied
for switching of analog signals and digital signals. When control
input CONT is set to “H” level, the impedance between input and
output of the switch becomes low and when it is set to “L” level, the
impedance becomes high. It has a much lower “ON” resistance,
and “ON” resistance is relatively constant over the input-signal
range.
FEATURES
* 15V Digital or ±7.5V Peak-to-Peak Switching
* 85-Ω Typical On-State Resistance for 15V Operation
* High noise immunity 0.45 VDD (typ.)
* Matched “ON” resistance ∆RON=5Ω (typ.) over 15V signal input
* High degree linearity 0.1% distortion (typ.)
@ fIS=1kHz, VIS=5VP-P, VDD-VSS=5V, RL=10kΩ
* Extremely low “OFF” 0.1nA (typ.)
switch leakage: @ VDD-VSS=10V, TA=25°C
* Extremely high control input impedance 10
12Ω (typ.)
* Frequency response, switch “ON” 40 MHz (typ.)
DIP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
CD4066L-D14-T
CD4066G-D14-T
DIP-14
Tube


Similar Part No. - CD4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066 TI-CD4066 Datasheet
547Kb / 20P
CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4066 INTERSIL-CD4066 Datasheet
99Kb / 9P
CMOS 4-Bit Magnitude Comparator
December 1992
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
two-way analog switch
logo
List of Unclassifed Man...
CD4066 ETC2-CD4066 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
CD4066 SYC-CD4066 Datasheet
145Kb / 9P
Quad Bilateral Switch
More results

Similar Description - CD4066

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com