Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # CD4066
Description  QUAD BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4066 Datasheet(HTML) 5 Page - Unisonic Technologies

  CD4066 Datasheet HTML 1Page - Unisonic Technologies CD4066 Datasheet HTML 2Page - Unisonic Technologies CD4066 Datasheet HTML 3Page - Unisonic Technologies CD4066 Datasheet HTML 4Page - Unisonic Technologies CD4066 Datasheet HTML 5Page - Unisonic Technologies CD4066 Datasheet HTML 6Page - Unisonic Technologies CD4066 Datasheet HTML 7Page - Unisonic Technologies CD4066 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CD4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-739.A
AC ELECTRICAL CHARACTERISTICS
(TA=25°C, tR=tF=20nS and VSS=0V, unless otherwise specified) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation Delay Time Signal
tPHL, tPLH
VCON=VDD, CL=5pF,
RL=200kΩ (Fig. 1)
VDD=5V
25
55
ns
VDD=10V
15
35
ns
VDD=15V
10
25
ns
Propagation Delay Time
Control Input to Signal
Output High Impedance to Logical Level
tPZH, tPZL
RL=1kΩ, CL=50pF,
(Fig. 2, 3)
VDD=5V
125
ns
VDD=10V
60
ns
VDD=15V
50
ns
Propagation Delay Time
Control Input to Signal
Output Logical Level to High Impedance
tPHZ, tPLZ
RL=1kΩ, CL=50pF,
(Fig. 2, 3)
VDD=5V
125
ns
VDD=10V
60
ns
VDD=15V
50
ns
Sine Wave Distortion
VCON=VDD=5V, VSS=-5V, RL=10kΩ,
VIS=5Vp-p, f=1kHz (Fig. 4)
0.1
%
Frequency Response-Switch “ON”
(Frequency at -3dB)
VCON=VDD=5V, VSS=-5V, RL=1kΩ,
20 Log10(VOS/VIS)=-3dB,
VIS=5.0Vp-p (Fig. 4)
40
MHz
Feedthrough - Switch “OFF”
(Frequency at -50dB)
VDD=5.0V, VCC=VSS=-5.0V,
RL=1kΩ, VIS=5.0Vp-p,
20 Log10(VOS/VIS)=-50dB (Fig. 4)
1.25
MHz
Crosstalk Between Any Two Switches
(Frequency at -50dB)
VDD=VCON(A)=5.0V, RL=1kΩ,
VSS=VCON (B)=5.0V, VIS(A)=5.0Vp-p,
20 Log10(VOS(B)/VIS(A))=-50dB(Fig. 5)
0.9
MHz
Crosstalk, Control Input to Signal Output
VDD=10V, RL=10kΩ, RIN=1kΩ,
VCC=10V Square Wave,
CL=50pF (Fig. 6)
150
mVP-
P
Maximum Control Input
RL=1kΩ, CL=50pF,
VOS(f)=½ VOS(1kHz)
(Fig. 7)
VDD=5V
6
MHz
VDD=10V
8
MHz
VDD=15V
8.5
MHz
Signal Input Capacitance
CIS
8.0
pF
Signal Output Capacitance
COS
VDD=10V
8.0
pF
Feedthrough Capacitance
CIOS
VCON=0V
0.5
pF
Control Input Capacitance
CIN
5.0
7.5
pF
Notes:1. AC Parameters are guaranteed by DC correlated testing.
2. These devices should not be connected to circuits with the power “ON”.
3. In all cases, there is approximately 5 pF of probe and jig capacitance in the output; however, this
capacitance is included in CL wherever it is specified.
4. VIS is the voltage at the in/out pin and VOS is the voltage at the out/in pin. VCON is the voltage at the control
input.
5. Conditions for VIHC:
a) VIS=VDD, IOS=standard B series IOH
b) VIS=0V, IOL= standard B series IOL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com