Electronic Components Datasheet Search
  English  ▼

X  

CD4066 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # CD4066
Description  QUAD BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4066 Datasheet(HTML) 7 Page - Unisonic Technologies

  CD4066 Datasheet HTML 1Page - Unisonic Technologies CD4066 Datasheet HTML 2Page - Unisonic Technologies CD4066 Datasheet HTML 3Page - Unisonic Technologies CD4066 Datasheet HTML 4Page - Unisonic Technologies CD4066 Datasheet HTML 5Page - Unisonic Technologies CD4066 Datasheet HTML 6Page - Unisonic Technologies CD4066 Datasheet HTML 7Page - Unisonic Technologies CD4066 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CD4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-739.A
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS(Cont.)
1/f
2.5V
VIS(1) 0V
-2.5V
CONTROL
VDD
IN/OUT
OUT/IN
VSS
VOS(1)
VIS(1)
-5V
RL
1kΩ
5V
VCON(1)=VDD
VCON(2)=VSS
VIS(2)=0V
VOS(2)
RL
1kΩ
CONTROL
VDD
IN/OUT
OUT/IN
VSS
Fig. 5 Crosstalk Between Any Two Switches
-5V
5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com