Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 38 Page - Analog Devices

Part # AD5757
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD5757 Datasheet HTML 34Page - Analog Devices AD5757 Datasheet HTML 35Page - Analog Devices AD5757 Datasheet HTML 36Page - Analog Devices AD5757 Datasheet HTML 37Page - Analog Devices AD5757 Datasheet HTML 38Page - Analog Devices AD5757 Datasheet HTML 39Page - Analog Devices AD5757 Datasheet HTML 40Page - Analog Devices AD5757 Datasheet HTML 41Page - Analog Devices AD5757 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 38 of 48
Status Register
The status register is a read-only register. This register contains
any fault information, as a well as a ramp active bit (Bit D9) and
a user toggle bit (Bit D11). When the STATREAD bit in the
main control register is set, the status register contents can be
read back on the SDO pin during every write sequence. Alterna-
tively, if the STATREAD bit is not set, the status register can be
read using the normal readback operation (see the Readback
Operation section).
Table 32. Decoding the Status Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DC-DCD DC-DCC DC-DCB DC-DCA User
toggle
PEC
error
Ramp
active
Over
temp
VOUT_D
fault
VOUT_C
fault
VOUT_B
fault
VOUT_A
fault
IOUT_D
fault
IOUT_C
fault
IOUT_B
fault
IOUT_A
fault
Table 33. Status Register Bit Descriptions
Bit Name
Description
DC-DCD
In current output mode, this bit is set if the dc-to-dc converter on Channel D cannot maintain compliance, for example, if
the dc-to-dc converter is reaching its VMAX voltage; in this case, the IOUT_D fault bit is also set. See the DC-to-DC Converter VMAX
Functionality section for more information about the operation of this bit under this condition.
In voltage output mode, this bit is set if the dc-to-dc converter on Channel D is unable to regulate to 15 V as expected.
When this bit is set, it does not result in the FAULT pin going high.
DC-DCC
In current output mode, this bit is set if the dc-to-dc converter on Channel C cannot maintain compliance, for example, if
the dc-to-dc converter is reaching its VMAX voltage; in this case, the IOUT_C fault bit is also set. See the DC-to-DC Converter VMAX
Functionality section for more information about the operation of this bit under this condition.
In voltage output mode, this bit is set if the dc-to-dc converter on Channel C is unable to regulate to 15 V as expected.
When this bit is set, it does not result in the FAULT pin going high.
DC-DCB
In current output mode, this bit is set if the dc-to-dc converter on Channel B cannot maintain compliance, for example, if
the dc-to-dc converter is reaching its VMAX voltage; in this case, the IOUT_B fault bit is also set. See the DC-to-DC Converter VMAX
Functionality section for more information about the operation of this bit under this condition.
In voltage output mode, this bit is set if the dc-to-dc converter on Channel B is unable to regulate to 15 V as expected.
When this bit is set, it does not result in the FAULT pin going high.
DC-DCA
In current output mode, this bit is set if the dc-to-dc converter on Channel A cannot maintain compliance, for example, if
the dc-to-dc converter is reaching its VMAX voltage; in this case, the IOUT_A fault bit is also set. See the DC-to-DC Converter VMAX
Functionality section for more information about the operation of this bit under this condition.
In voltage output mode, this bit is set if the dc-to-dc converter on Channel A is unable to regulate to 15 V as expected.
When this bit is set, it does not result in the FAULT pin going high.
User Toggle
User toggle bit. This bit is set or cleared via the software register and can be used to verify data communications, if needed.
PEC Error
Denotes a PEC error on the last data-word received over the SPI interface.
Ramp Active
This bit is set while any output channel is slewing (digital slew rate control is enabled on at least one channel).
Over Temp
This bit is set if the AD5735 core temperature exceeds approximately 150°C.
VOUT_D Fault
This bit is set if a fault is detected on the VOUT_D pin.
VOUT_C Fault
This bit is set if a fault is detected on the VOUT_C pin.
VOUT_B Fault
This bit is set if a fault is detected on the VOUT_B pin.
VOUT_A Fault
This bit is set if a fault is detected on the VOUT_A pin.
IOUT_D Fault
This bit is set if a fault is detected on the IOUT_D pin.
IOUT_C Fault
This bit is set if a fault is detected on the IOUT_C pin.
IOUT_B Fault
This bit is set if a fault is detected on the IOUT_B pin.
IOUT_A Fault
This bit is set if a fault is detected on the IOUT_A pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com