Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5757
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5757 Datasheet HTML 23Page - Analog Devices AD5757 Datasheet HTML 24Page - Analog Devices AD5757 Datasheet HTML 25Page - Analog Devices AD5757 Datasheet HTML 26Page - Analog Devices AD5757 Datasheet HTML 27Page - Analog Devices AD5757 Datasheet HTML 28Page - Analog Devices AD5757 Datasheet HTML 29Page - Analog Devices AD5757 Datasheet HTML 30Page - Analog Devices AD5757 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Data Sheet
AD5735
Rev. B | Page 27 of 48
Digital-to-Analog Glitch Energy
Digital-to-analog glitch energy is the impulse injected into
the analog output when the input code in the DAC register
changes state but the output voltage remains constant. It is
normally specified as the area of the glitch in nV-sec and is
measured when the digital input code is changed by 1 LSB at
the major carry transition (~0x7FFF to 0x8000). See Figure 25.
Glitch Impulse Peak Amplitude
Glitch impulse peak amplitude is the peak amplitude of the
impulse injected into the analog output when the input code in
the DAC register changes state. It is specified as the amplitude
of the glitch in mV and is measured when the digital input code
is changed by 1 LSB at the major carry transition (~0x7FFF to
0x8000). See Figure 25.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into
the analog output of the DAC from the digital inputs of the
DAC but is measured when the DAC output is not updated. It is
specified in nV-sec and measured with a full-scale code change
on the data bus.
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is the glitch impulse transferred to the
output of one DAC due to a digital code change and a subsequent
output change of another DAC. DAC-to-DAC crosstalk includes
both digital and analog crosstalk. It is measured by loading one
DAC with a full-scale code change (all 0s to all 1s and vice versa)
with LDAC low while monitoring the output of another DAC.
The energy of the glitch is expressed in nV-sec.
Power Supply Rejection Ratio (PSRR)
PSRR indicates how the output of the DAC is affected by changes
in the power supply voltage.
Reference Temperature Coefficient (TC)
Reference TC is a measure of the change in the reference output
voltage with changes in temperature. It is expressed in ppm/°C.
Line Regulation
Line regulation is the change in the reference output voltage due
to a specified change in supply voltage. It is expressed in ppm/V.
Load Regulation
Load regulation is the change in the reference output voltage due
to a specified change in load current. It is expressed in ppm/mA.
DC-to-DC Converter Headroom
DC-to-DC converter headroom is the difference between the
voltage required at the current output and the voltage supplied
by the dc-to-dc converter (see Figure 51).
Output Efficiency
Output efficiency is defined as the ratio of the power delivered
to a channel’s load and the power delivered to the channel’s
dc-to-dc input. The VBOOST_x quiescent current is considered
part of the dc-to-dc converter’s losses.
CC
CC
LOAD
OUT
AI
AV
R
I
×
×
2
Efficiency at VBOOST_x
The efficiency at VBOOST_x is defined as the ratio of the power
delivered to a channel’s VBOOST_x supply and the power delivered
to the channel’s dc-to-dc input. The VBOOST_x quiescent current is
considered part of the dc-to-dc converter’s losses.
CC
CC
x
BOOST
OUT
AI
AV
V
I
×
×
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com