Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5757
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Data Sheet
AD5735
Rev. B | Page 15 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
VOLTAGE OUTPUTS
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0
1000
2000
3000
4000
CODE
±10V RANGE
±12V RANGE
±10V RANGE
WITH DC-TO-DC CONVERTER
AVDD = +15V
AVSS = –15V
TA = 25°C
Figure 8. Integral Nonlinearity Error vs. DAC Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1000
2000
3000
4000
CODE
±10V RANGE
±12V RANGE
AVDD = +15V
AVSS = –15V
TA = 25°C
±10V RANGE
WITH DC-TO-DC CONVERTER
Figure 9. Differential Nonlinearity Error vs. DAC Code
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0
1000
2000
3000
4000
CODE
±10V RANGE
±12V RANGE
±10V RANGE
WITH DC-TO-DC CONVERTER
AVDD = +15V
AVSS = –15V
TA = 25°C
Figure 10. Total Unadjusted Error vs. DAC Code
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD =+15V
AVSS = –15V
OUTPUT UNLOADED
+5V RANGE MAX INL
±10V RANGE MAX INL
±12V RANGE MAX INL
+5V RANGE MIN INL
±10V RANGE MIN INL
±12V RANGE MIN INL
Figure 11. Integral Nonlinearity Error vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
MAX DNL
MIN DNL
AVDD = +15V
AVSS = –15V
ALL RANGES
Figure 12. Differential Nonlinearity Error vs. Temperature
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
AVDD = +15V
AVSS = –15V
OUTPUT UNLOADED
+5V RANGE
±10V RANGE
±12V RANGE
Figure 13. Total Unadjusted Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com