Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5757
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices AD5757 Datasheet HTML 20Page - Analog Devices AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices AD5757 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Data Sheet
AD5735
Rev. B | Page 19 of 48
CURRENT OUTPUTS
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0
1000
2000
3000
4000
CODE
AVDD = +15V
AVSS = –15V
TA = 25°C
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 31. Integral Nonlinearity Error vs. DAC Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
1000
2000
3000
4000
CODE
AVDD = +15V
AVSS = –15V
TA = 25°C
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 32. Differential Nonlinearity Error vs. DAC Code
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0
1000
2000
3000
4000
CODE
AVDD = +15V
AVSS = –15V
TA = 25°C
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 33. Total Unadjusted Error vs. DAC Code
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA RANGE MAX INL
0mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
0mA TO 20mA RANGE MIN INL
0mA TO 24mA RANGE MIN INL
AVDD = +15V
AVSS = –15V/0V
Figure 34. Integral Nonlinearity Error vs. Temperature, Internal RSET
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA RANGE MAX INL
0mA TO 20mA RANGE MAX INL
0mA TO 24mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
0mA TO 20mA RANGE MIN INL
0mA TO 24mA RANGE MIN INL
AVDD = +15V
AVSS = –15V/0V
Figure 35. Integral Nonlinearity Error vs. Temperature, External RSET
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
MAX DNL
MIN DNL
AVDD = +15V
AVSS = –15V/0V
ALL RANGES
INTERNAL AND EXTERNAL RSET
Figure 36. Differential Nonlinearity Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com