Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5757
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5757 Datasheet HTML 8Page - Analog Devices AD5757 Datasheet HTML 9Page - Analog Devices AD5757 Datasheet HTML 10Page - Analog Devices AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 12 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RSET_B
RSET_A
REFGND
REFGND
AD0
AD1
SYNC
SCLK
SDIN
SDO
DVDD
DGND
LDAC
CLEAR
ALERT
FAULT
COMPDCDC_C
IOUT_C
VBOOST_C
AVCC
SWC
GNDSWC
GNDSWD
SWD
AVSS
SWA
GNDSWA
GNDSWB
SWB
AGND
VBOOST_B
IOUT_B
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD5735
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1.THE EXPOSED PADDLE SHOULD BE CONNECTED TO THE POTENTIAL OF THE
AVSS PIN, OR, ALTERNATIVELY, IT CAN BE LEFT ELECTRICALLY UNCONNECTED.
IT IS RECOMMENDED THAT THE PADDLE BE THERMALLY CONNECTED TO A
COPPER PLANE FOR ENHANCED THERMAL PERFORMANCE.
Figure 7. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RSET_B
An external, precision, low drift, 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_B temperature drift performance. For more information, see the External Current Setting Resistor section.
2
RSET_A
An external, precision, low drift, 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_A temperature drift performance. For more information, see the External Current Setting Resistor section.
3
REFGND
Ground Reference Point for Internal Reference.
4
REFGND
Ground Reference Point for Internal Reference.
5
AD0
Address Decode for the Device Under Test (DUT) on the Board.
6
AD1
Address Decode for the DUT on the Board.
7
SYNC
Frame Synchronization Signal for the Serial Interface. Active low input. When SYNC is low, data is clocked
into the input shift register on the falling edge of SCLK.
8
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of SCLK. The serial interface
operates at clock speeds of up to 30 MHz.
9
SDIN
Serial Data Input. Data must be valid on the falling edge of SCLK.
10
SDO
Serial Data Output. Used to clock data from the serial register in readback mode (see Figure 4 and Figure 5).
11
DVDD
Digital Supply Pin. The voltage range is from 2.7 V to 5.5 V.
12
DGND
Digital Ground.
13
LDAC
Load DAC. This active low input is used to update the DAC register and, consequently, the DAC outputs.
When LDAC is tied permanently low, the addressed DAC data register is updated on the rising edge of
SYNC. If LDAC is held high during the write cycle, the DAC input register is updated, but the DAC output
is updated only on the falling edge of LDAC (see Figure 3). Using this mode, all analog outputs can be
updated simultaneously. The LDAC pin must not be left unconnected.
14
CLEAR
Active High, Edge Sensitive Input. When this pin is asserted, the output current and voltage are set to the
programmed clear code bit setting. Only channels enabled to be cleared are cleared. For more information,
see the Asynchronous Clear section. When CLEAR is active, the DAC output register cannot be written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com