Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5686R
Description  Quad, 16-/14-/12-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5686R Datasheet HTML 19Page - Analog Devices AD5686R Datasheet HTML 20Page - Analog Devices AD5686R Datasheet HTML 21Page - Analog Devices AD5686R Datasheet HTML 22Page - Analog Devices AD5686R Datasheet HTML 23Page - Analog Devices AD5686R Datasheet HTML 24Page - Analog Devices AD5686R Datasheet HTML 25Page - Analog Devices AD5686R Datasheet HTML 26Page - Analog Devices AD5686R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD5686R/AD5685R/AD5684R
Rev. 0 | Page 23 of 32
DAISY-CHAIN OPERATION
For systems that contain several DACs, the SDO pin can be
used to daisy-chain several devices together and is enabled
through a software executable daisy-chain enable (DCEN)
command. Command 1000 is reserved for this DCEN function
(see Table 7). The daisy-chain mode is enabled by setting
Bit DB0 in the DCEN register. The default setting is standalone
mode, where DB0 = 0. Table 9 shows how the state of the bit
corresponds to the mode of operation of the device.
Table 9. Daisy-Chain Enable (DCEN) Register
DB0
Description
0
Standalone mode (default)
1
DCEN mode
Figure 54. Daisy-Chaining the AD5686R/AD5685R/AD5684R
The SCLK pin is continuously applied to the input shift register
when SYNC is low. If more than 24 clock pulses are applied, the
data ripples out of the input shift register and appears on the
SDO line. This data is clocked out on the rising edge of SCLK
and is valid on the falling edge. By connecting this line to the
SDIN input on the next DAC in the chain, a daisy-chain interface
is constructed. Each DAC in the system requires 24 clock pulses.
Therefore, the total number of clock cycles must equal 24 × N,
where N is the total number of devices that are updated.
If SYNC is taken high at a clock that is not a multiple of 24, it is
considered a valid frame and invalid data may be loaded to the
DAC. When the serial transfer to all devices is complete, SYNC
is taken high. This latches the input data in each device in the
daisy chain and prevents any further data from being clocked
into the input shift register. The serial clock can be continuous or
a gated clock. A continuous SCLK source can be used only
if SYNC can be held low for the correct number of clock cycles.
In gated clock mode, a burst clock containing the exact number
of clock cycles must be used, and SYNC must be taken high after
the final clock to latch the data.
READBACK OPERATION
Readback mode is invoked through a software executable
readback command. If the SDO output is disabled via the daisy-
chain mode disable bit in the control register, it is automatically
enabled for the duration of the read operation, after which it is
disabled again. Command 1001 is reserved for the readback
function. This command, in association with selecting one of
address bits, DAC A to DAC D, selects the register to read. Note
that only one DAC register can be selected during readback.
The remaining three address bits must be set to Logic 0. The
remaining data bits in the write sequence are don’t care bits. If
more than one or no bits are selected, DAC Channel A is read
back by default. During the next SPI write, the data appearing
on the SDO output contains the data from the previously
addressed register.
For example, to read back the DAC register for Channel A, the
following sequence should be implemented:
1. Write 0x900000 to the AD5686R/AD5685R/AD5684R
input register. This configures the part for read mode with
the DAC register of Channel A selected. Note that all data
bits, DB15 to DB0, are don’t care bits.
2. Follow this with a second write, a NOP condition,
0x000000. During this write, the data from the register is
clocked out on the SDO line. DB23 to DB20 contain
undefined data, and the last 16 bits contain the DB19 to
DB4 DAC register contents.
68HC11*
MISO
SDIN
SCLK
MOSI
SCK
PC7
PC6
SDO
SCLK
SDO
SCLK
SDO
SDIN
SDIN
SYNC
SYNC
SYNC
LDAC
LDAC
LDAC
AD5686R/
AD5685R/
AD5684R
AD5686R/
AD5685R/
AD5684R
AD5686R/
AD5685R/
AD5684R
*ADDITIONAL PINS OMITTED FOR CLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com