Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 26 Page - Analog Devices

Part # AD5686R
Description  Quad, 16-/14-/12-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5686R Datasheet HTML 22Page - Analog Devices AD5686R Datasheet HTML 23Page - Analog Devices AD5686R Datasheet HTML 24Page - Analog Devices AD5686R Datasheet HTML 25Page - Analog Devices AD5686R Datasheet HTML 26Page - Analog Devices AD5686R Datasheet HTML 27Page - Analog Devices AD5686R Datasheet HTML 28Page - Analog Devices AD5686R Datasheet HTML 29Page - Analog Devices AD5686R Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD5686R/AD5685R/AD5684R
Data Sheet
Rev. 0 | Page 26 of 32
HARDWARE RESET (RESET)
RESET is an active low reset that allows the outputs to be
cleared to either zero scale or midscale. The clear code value is
user selectable via the RESET select pin. It is necessary to keep
RESET low for a minimum amount of time to complete the
operation (see Figure 2). When the RESET signal is returned
high, the output remains at the cleared value until a new value is
programmed. The outputs cannot be updated with a new value
while the RESET pin is low. There is also a software executable
reset function that resets the DAC to the power-on reset code.
Command 0110 is designated for this software reset function
(see Table 7). Any events on LDAC or RESET during power-on
reset are ignored.
RESET SELECT PIN (RSTSEL)
The AD5686R/AD5685R/AD5684R contain a power-on reset
circuit that controls the output voltage during power-up. By
connecting the RSTSEL pin low, the output powers up to zero
scale. Note that this is outside the linear region of the DAC; by
connecting the RSTSEL pin high, VOUT powers up to midscale.
The output remains powered up at this level until a valid write
sequence is made to the DAC.
INTERNAL REFERENCE SETUP
The on-chip reference is on at power-up by default. To reduce the
supply current, this reference can be turned off by setting
software programmable bit, DB0, in the control register.
Table 14 shows how the state of the bit corresponds to the mode
of operation. Command 0111 is reserved for setting up the
internal reference (see Figure 9). Table 14 shows how the state
of the bits in the input shift register corresponds to the mode of
operation of the device during internal reference setup.
Table 14. Reference Setup Register
Internal Reference
Setup Register (DB0)
Action
0
Reference on (default)
1
Reference off
SOLDER HEAT REFLOW
As with all IC reference voltage circuits, the reference value
experiences a shift induced by the soldering process. Analog
Devices, Inc., performs a reliability test called precondition to
mimic the effect of soldering a device to a board. The output
voltage specification quoted previously includes the effect of
this reliability test.
Figure 57 shows the effect of solder heat reflow (SHR) as
measured through the reliability test (precondition).
Figure 57. SHR Reference Voltage Shift
LONG-TERM TEMPERATURE DRIFT
Figure 58 shows the change in VREF value after 1000 hours in life
test at 150°C.
Figure 58. Reference Drift Through to 1000 Hours
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
POSTSOLDER
HEAT REFLOW
PRESOLDER
HEAT REFLOW
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
0 HOUR
168 HOURS
500 HOURS
1000 HOURS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com