Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5686R
Description  Quad, 16-/14-/12-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5686R Datasheet HTML 23Page - Analog Devices AD5686R Datasheet HTML 24Page - Analog Devices AD5686R Datasheet HTML 25Page - Analog Devices AD5686R Datasheet HTML 26Page - Analog Devices AD5686R Datasheet HTML 27Page - Analog Devices AD5686R Datasheet HTML 28Page - Analog Devices AD5686R Datasheet HTML 29Page - Analog Devices AD5686R Datasheet HTML 30Page - Analog Devices AD5686R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD5686R/AD5685R/AD5684R
Rev. 0 | Page 27 of 32
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient
to cold, to hot, and then back to ambient.
Thermal hysteresis data is shown in Figure 59. It is measured
by sweeping the temperature from ambient to −40°C, then
to +105°C, and returning to ambient. The VREF delta is then
measured between the two ambient measurements and
shown in blue in Figure 59. The same temperature sweep
and measurements were immediately repeated and the
results are shown in red in Figure 59.
Figure 59. Thermal Hysteresis
Table 15. 24-Bit Input Shift Register Contents for Internal Reference Setup Command1
DB23
(MSB)
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0 (LSB)
0
1
1
1
X
X
X
X
X
1/0
Command bits (C3 to C0)
Address bits (A2 to A0)
Don’t care
Reference setup register
1 X = don’t care.
9
8
7
6
5
4
3
2
1
0
50
0
–50
–100
–150
–200
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT TEMPERATURE SWEEPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com